Electronic Components Datasheet Search
  English  ▼

X  

MAX4146EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4146EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4146EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4146EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
14
______________________________________________________________________________________
TWISTED-PAIR-TO-COAX CABLE CONVERTER
Losses are higher at higher frequencies, contributing to
severe pulse-edge rounding in digital applications. The
nominal impedance of twisted-pair telephone wire is
110Ω.
The MAX4145/MAX4146, with variable gain up to
+10V/V and +100V/V, respectively, can be used to
compensate for cable losses. In the graph shown in
Figure 8, the cable characteristics are such that the
video-chroma frequency loss is almost 15dB greater
than the low-frequency loss. The losses can be com-
pensated for by using the RC-shaping network (Figure
9).
A 560Ω resistance and a 100pF capacitance shape the
MAX4146 gain to inversely match the frequency of the
1000 feet of telephone cable. The differential gain and
phase, using the circuit shown in Figure 9, is 0.55%
and 0.18°, respectively.
Figure 9. Circuit for Transmitting NTSC/PAL Video Over 1000 Feet of Twisted-Pair Telephone Line
VIDEO INPUT
VIDEO
OUTPUT
75
Ω
75
Ω
1, 7
8, 14
10
12
9
13
1000 FEET
2
6
MAX4147ESD
0.1
μF
VCC
0.1
μF
VEE
0.1
μF
11
9
13
75
Ω
2
110
Ω
560
Ω
100pF
6
5
3
VCC
VEE
MAX4146ESD
0.1
μF
1, 7
8, 14
OUT+
IN+
IN-
IN-
SENSE
IN+
OUT-
SENSE-
SENSE+
RT
RT
RT
RT
OUT
REF
75
Ω
75
Ω
COAX
75
Ω
VOUT
MAX4147
MAX4144
__________________________________________________Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com