Electronic Components Datasheet Search
  English  ▼

X  

DLD101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLD101
Description  LINEAR MODE CURRENT SINK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLD101 Datasheet(HTML) 1 Page - Diodes Incorporated

  DLD101 Datasheet HTML 1Page - Diodes Incorporated DLD101 Datasheet HTML 2Page - Diodes Incorporated DLD101 Datasheet HTML 3Page - Diodes Incorporated DLD101 Datasheet HTML 4Page - Diodes Incorporated DLD101 Datasheet HTML 5Page - Diodes Incorporated DLD101 Datasheet HTML 6Page - Diodes Incorporated DLD101 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DLD101
Document number: DS32007 Rev. 6 - 2
1 of 7
www.diodes.com
February 2010
© Diodes Incorporated
DLD101
LINEAR MODE CURRENT SINK LED DRIVER
Features
•
Primarily Designed for Driving LED/s for Illumination, Signage
and Backlighting Applications
•
Ideally Suited for Linear Mode Constant Current Applications
•
VBE Referenced Current Sink Circuit
•
Includes:
•
N-Channel Enhancement Mode MOSFET (Q1)
•
Base Accessible Pre-Biased Transistor (Q2)
•
High Voltage Capable (50V)
•
Small Form Factor Surface Mount Package
•
High Dissipation Capability
•
Low Thermal Resistance
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN3030D-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish — NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Marking Information: See Page 6
•
Ordering Information: See Page 6
•
Weight: 0.0172 grams (approximate)
Maximum Ratings: (Q1) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 3)
TA = 25°C
TA = 70°C
ID
1.0
0.8
A
Drain Current (Note 3)
Pulsed
IDM
3.0
A
Body-Diode Continuous Current (Note 3)
IS
1.0
A
Maximum Ratings: (Q2) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5 to +30
V
Output Current (DC)
IO
100
mA
Thermal Characteristics – Total Device
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @TA = 25°C
PD
0.7
W
Thermal Resistance Junction to Ambient Air (Note 3) @TA = 25°C
RθJA
178
°C/W
Thermal Resistance Junction to Case Air (Note 3) @TA = 25°C
RθJC
30
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Part mounted on FR-4 substrate PC board, with minimum recommended pad layout (see page 6).
Top View
Internal Schematic
Top View
Package Pin-Out Configuration
Typical Application Circuit for Linear
Mode Current Sink LED Driver
87
6
5
12
3
4
D2
G2
NC
C1
S2
B1
B1’
E1
8
76
5
1
23
4
D2
G2
NC
C1
S2
B1
B1’
E1
Q2
Q1
R2
R1
8
7
6
5
1
2
3
4
C
E
B
GD
S
R
C
R
S
Option 1
Option 2
Option 3
LED String
Option 3:
I
LED ≈
V
BE
R
S
Options 1 & 2:
I
LED ≈
1.1 V
BE
R
S
V
Supply
CC
Q2
Q1
V
DS
R2
R1
Option 2:
Capacitor is across R2 for
better noise performance.


Similar Part No. - DLD101

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLD1 ITT-DLD1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
DLD1-156R ITT-DLD1-156R Datasheet
90Kb / 2P
ZIF Connectors
DLD1-156RW4B ITT-DLD1-156RW4B Datasheet
90Kb / 2P
ZIF Connectors
DLD1-156RW6B ITT-DLD1-156RW6B Datasheet
90Kb / 2P
ZIF Connectors
More results

Similar Description - DLD101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5801 DIODES-AL5801 Datasheet
234Kb / 11P
100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 3
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com