Electronic Components Datasheet Search
  English  ▼

X  

DLD101 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DLD101
Description  LINEAR MODE CURRENT SINK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLD101 Datasheet(HTML) 4 Page - Diodes Incorporated

  DLD101 Datasheet HTML 1Page - Diodes Incorporated DLD101 Datasheet HTML 2Page - Diodes Incorporated DLD101 Datasheet HTML 3Page - Diodes Incorporated DLD101 Datasheet HTML 4Page - Diodes Incorporated DLD101 Datasheet HTML 5Page - Diodes Incorporated DLD101 Datasheet HTML 6Page - Diodes Incorporated DLD101 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DLD101
Document number: DS32007 Rev. 6 - 2
4 of 7
www.diodes.com
February 2010
© Diodes Incorporated
DLD101
Q1 Typical Performance Curves - continued
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.6
0.7
0.8
0.9
1
Fig. 7 Source-Drain Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
1
10
100
1,000
010
20
30
40
50
60
Fig. 8 Typical Leakage Current vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Q2 Typical Performance Curves
0
5
10
15
20
25
01
2
3
4
5
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 9 Typical Collector Current
vs. Collector-Emitter Voltage
I = 1mA
B
I = 2mA
B
I = 3mA
B
I = 4mA
B
I = 5mA
B
1
10
100
1,000
0.1
1
10
I , COLLECTOR CURRENT (mA)
C
Fig. 10 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com