Electronic Components Datasheet Search
  English  ▼

X  

ACE721A Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE721A
Description  1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721A Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE721A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
                                                                                                                  
ACE721A
                        Technology
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
5
400ns/div
400ns/div
Figure 5. Light Load Operation
Figure 6. Heavy Load Operation
(VIN=3.6V, VOUT=1.8V, IOUT=0mA)
(VIN=3.6V, VOUT=1.8V, IOUT=800mA)
200μs/div
400μs/div
Figure 7. Load Transient
Figure 8. Start up from Shutdown
(VIN=3.6V, VOUT=1.8V, IOUT=0mA to 800mA)
(VIN=3.6V, VOUT=1.8V, RLOAD=2.5Ω)
10μs/div
40μs/div
Figure 9. Short Circuit Protection
Figure 10. Short Circuit Recovery
(VIN=3.6V, VOUT=1.8V, no load)
(VIN=3.6V, VOUT=1.8V, no load)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com