Electronic Components Datasheet Search
  English  ▼

X  

ACE721A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE721A
Description  1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE721A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
   
                                                                                                                  
ACE721A
                        Technology
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
1 
Description
The ACE721A is a 1.2MHz fixed frequency, current mode, PWM synchronous buck (step-down) DC-DC
converter, capable of driving a 800mA load with high efficiency, excellent line and load regulation. The
device integrates a main switch and a synchronous switch without an external Schottky diode. It is ideal
for powering portable equipment that runs from a single Li-ion battery.
A standard series of inductors are available from several different manufactures optimized for use with
the ACE721A. This feature greatly simplifies the design of switch-mode power supplies.
This IC is available in SOT-23-5 packages.
Features
• High Efficiency: up to 95%
• Output Current: 800mA
• Input Voltage Range: 2.5V to 5.5V
• Fixed 1.2MHz Frequency
• Current Mode Control
• 100% Duty Cycle in Dropout
• Built-in Short Circuit Protection
• Built-in Thermal Shutdown Function
• Built-in Current Limit Function
• Shutdown Current: <1μA
Application
• GPS 
• WiFi Card 
• Portable Media Player 
• Digital Still and Video Cameras 
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 6
V
Feedback Voltage
VFB
-0.3 to VIN+0.3
V
EN Pin Voltage
VEN
-0.3 to VIN+0.3
V
SW Pin Voltage
VSW
-0.3 to VIN+0.3
V
Thermal Resistance
θJA
SOT-23-5
250
℃
/W
Operating Junction Temperature
TJ
125
℃
Storage Temperature
TSTG
-65 to 150
℃


Similar Part No. - ACE721A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE721A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5110 AME-AME5110 Datasheet
130Kb / 13P
600mA / 1.2MHz PWM Buck DC-DC Converter
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
40V, 800mA, 1.2MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com