Electronic Components Datasheet Search
  English  ▼

X  

EC05E Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC05E
Description  5mm Size Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC05E Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC05E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC05E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC05E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC05E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Incremental
Type
Absolute
Type
196
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Dimensions
Unit:mm
Photo
Style
No.
Horizontal type
1
2
3
Horizontal type
Vertical type
PC board mounting hole dimensions
(Viewed from mounting side, shaded
area indicated soldering land)
SHAFT HOLE DETAIL
1.2
3
2.7
3.3
0.1
0.4
Mounting face
F
Insertion
direction of shaft
Shaft hole length
6-60
$
6-60
$
2.7
Insertion
direction of shaft
3-1.72
3-1.73
1
B
FACE
A
FACE
6.8
7.5
5.7
¿2
1
2.2
B
A
6-60
$
6-60
$
2.7
Insertion
direction of shaft
3-1.72
1
B
FACE
A
FACE
SHAFT HOLE DETAIL
Shaft hole length
3-1.73
Insertion
direction of shaft
1.2
3
2.7
3.3
0.1
0.4
Mounting face
F
6.8
1
2.2
7.5
5.7
¿2
B
A
7.6
¿2.2
5.7
Mounting face
Insertion
direction of shaft
Insertion
direction of shaft
Shaft hole length
6-60
$
B
FACE
A
FACE
6-60
$
3-1.72
3-1.73
2.7
1
0.1
2.7
0.4
0.4
SHAFT HOLEDETAIL
B
A
2-1.25
8.5
4
7
3-1
2 holes
R0.15 max.
F
B
CA
Terminal No.
2-1.25
8.5
4
7
3-1
2 holes
R0.15 max.
F
B
CA Terminal No.
3
1.7
1.7
5.9
4.0
2.4
3-1.5
Hole
AC
B
Terminal No.
2-R
0.5
4-R
0.3
ma
x.
5mm Size Hollow Shaft Type
EC05E Series
Encoder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com