Electronic Components Datasheet Search
  English  ▼

X  

EC05E Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC05E
Description  5mm Size Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC05E Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC05E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC05E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC05E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC05E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Incremental
Type
Absolute
Type
195
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
Horizontal
Vertical
12
12
1.6
±1.3
4.5
EC05E1220202
EC05E1220203
EC05E1220401
1
2
3
Product No.
Drawing
No.
1,000
2,000
Minimum order unit
(pcs.)
Number of
detent
Number of
pulse
Mount hight
(mm)
Operating
direction
Detent torque
(mN・m)
0.55mA 5V DC
100,000cycles
Specifications
Rating
Items
Operating life
Typical Specifications
5mm Size Hollow Shaft Type
EC05E Series
A compact 12-pulse hollow shaft encoder adopting Alps DRUMCODE
TM technology.
Encoder
Taping Specification (Taping Packaging)
Reel Size
¿13 hole
2
17.4
Unit:mm
1,000
4,000
8,000
2,000
8,000
16,000
16
Number of packages
(pcs.)
Tape width
(mm)
EC05E12202
EC05E12204
Product No.
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - EC05E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
ALPS ALPINE CO., LTD.
EC05E ALPSALPINE-EC05E Datasheet
445Kb / 4P
Encoder 5mm Size Hollow Shaft Type
logo
ALPS ELECTRIC CO.,LTD.
EC05E1220202 ALPS-EC05E1220202 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
logo
List of Unclassifed Man...
EC05E1220202 ETC-EC05E1220202 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ALPINE CO., LTD.
EC05E1220202 ALPSALPINE-EC05E1220202 Datasheet
445Kb / 4P
Encoder 5mm Size Hollow Shaft Type
More results

Similar Description - EC05E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com