Electronic Components Datasheet Search
  English  ▼

X  

EC11 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  EC11 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Incremental
Type
Absolute
Type
176
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Encoders
List of Varieties
※marked specification is only applicable to EC11E152U402.
Note
Soldering
Dimensions
(mm)
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Dip soldering
Type
Photo
Output
Changeover angle
Page
Series
Horizontal
9mm size
Incremental
Self-return switch
Single-shaft
9.5
4.5
Vertical
Without /With
(0.5, 1.5)
15
/30
180
EC09E
17 to 40°
12.3
13.8
5.4
13
5
EC11B
EC111
11.7
12
4.5
8.5
Push-lock mechanism
Without detent
Vertical
9
/18
15
/30
18
/36
181
11mm size
Dual-shaft
Single-shaft
ABC
12
4.5
6
GABC/18
10
GABC/30
EC11E
EC11EH
Metal shaft
300V AC for 1minute
Voltage proof
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t: Masking time to avoid chattering
Measurement condition:Rotation speed 360
û/s
A signal
B signal
Detent stabillity point
CW direction
OFF
ON
ON
OFF
Operating temperature range
10mA
V1
=V2=1.5V max.
At R = 5 k
Ω
Chattering:5ms max.
Bounce
:2ms max.
–40
±3℃ for 240h
350
℃ max. 3s max.
100N
8
±5mN・m
260
±5℃, 3±1s
85
±3℃ for 240h
60
±2℃, 90 to 95%RH for 240h
100M
Ω min. 250V DC
Maximum operating current
(Resistive load)
Output signal
Output wave
Sliding noise
Rotational torque
Detent torque
Push-pull strength
Cold
Dry heat
Damp heat
Insulation resistance
Output of A and B signals, proportionate to phase difference
–40
℃ to +85℃
Circuit
・number of contacts
Single pole and single throw
(Push-on)
0.5
±0.3
1.5
±0.5
6
+ 2.5
− 2
4
±2
10mA 5V DC
100m
Ω max. for initial period; 200mΩ max. after operating life.
10,000times min.
Travel
(mm)
Operating force
(N)
Rating
Contact esistance
Operating life
–30
℃ to +85℃
–40
℃ to +85℃
12
±7mN・m
260
±5℃, 5±1s
0.5 + 0.4
− 0.3
1.5
±0.5
5
±2
6
±3
3A 16V DC
(10mA 16V DC min. ratings)
25,000
times
min.
Self-return switch Three phase A, B and C
7
mN・m
+ 3
− 4
10
±7mN・m
―
10
±7mN・m
3 to 30mN
・m
―
0.5
±0.3
1.5
±0.5
8
±0.8※
6 +
2.5
− 2
4
±2
8
max.※
0.5
±0.31.5±0.5
6 + 2.5
− 2
4
±2 6±2.5
1.5
±0.5
4
±2
0.5A 16V DC
(1mA 16V DC min. ratings)0.5A 12V DC ※
20mA 16V DC
(1mA 16V DC min. ratings)
20,000times min.
10,000times min.
※
20,000
cycles
Please see P.191
Please see P.191
0.5 +
0.4
− 0.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com