Electronic Components Datasheet Search
  English  ▼

X  

EC11 Datasheet(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

  EC11 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Incremental
Type
Absolute
Type
191
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Test circuit
5V DC
R
Terminal A
R
Terminal B
R
Terminal C
Test condition
 Rotation speed
Terminal D
ABC switch
360°
/s
Product Specifications
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360˚/s
B
CCW
CW
C
0˚
A
At R
= 5kΩ
Chattering : 3ms max.
Bounce
: 2ms max.
V1
=V2=1.5V max.
EC11B
EC11E/EC11G/EC11J/EC11K
EC111/EC11E
EC11B
EC11E/EC11G/EC11J/EC11K
EC111/EC11E
Output Wave
Sliding Noise
At R
= 5kΩ
Chattering : 2ms max.
Bounce
: 2ms max.
V1
=V2=1.5V max.
EC20A
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360˚/s
At R = 5k
Ω
Chattering: 8ms max.
Bounce
: 5ms max.
At R = 5k
Ω
Chattering: 5ms max.
Bounce
: 5ms max.
EC11EH
A signal
B signal
Detent stabillity point
OFF
ON
ON
OFF
The stable detent position cannot be identified in phase B.
EC11E 18 detents 9 pulse
EC11E 36detents 18 pulse
EC11J, EC11K
CW direction
Attached Parts
Hexagonal nut
11
M7×0.75
2
0.5
¿12
¿7.1
EC11B Series
Unit:mm
Flat washer
A signal
B signal
Detent stabillity point
OFF
ON
ON
OFF
EC11B, EC11E, EC11G
30 detents, 15 pulse
CW direction
Shaft rotational Direction
The dotted lines indicate detent positions
Clockwise
ON
A(Terminal AÐC)
A(Terminal AÐC)
B(Terminal BÐC)
B(Terminal BÐC)
Signal
Output
Counter-clockwise
OFF
ON
OFF
ON
OFF
ON
OFF
EC20A
A signal
Detent position
CW direction
B signal
C signal
OFF
ON
OFF
ON
OFF
ON
EC11EH
11mm and 20mm Size Metal Shaft Encoders



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com