Electronic Components Datasheet Search
  English  ▼

X  

EC11J Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11J
Description  11mm Size Metal Shaft Long Life Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11J Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC11J Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Incremental
Type
Absolute
Type
188
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Switch travel
0.5or1.5
Mounting
surface
¿8.975
R0.5
7
10
24.5
(20)
3.5
4.5
3.5
1.2
C1
C1
(Switch0.1)
(Switch0.2)
11.7
13.1
E
D
C B
A
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Photo
No.
Vertical
Vertical
with push-on switch
(travel 0.5mm/1.5mm)
Reflow applicable parts
Reflow applicable parts
with push-on switch
(travel 0.5mm/1.5mm)
Mounting
surface
¿8.975
R0.5
7
10
24.5
(20)
3.5
4.5
3.5
1.2
C1
C1
(Switch0.1)
11.7
13.1
E
D
C B
A
(Dummy
terminal)
1.6
EC11J15
Type only
EC11J09
Type only
¿2.1hole
2-R0.8
1.6
2-R0.8
1.55
5
5
12.6
6
12.5
PC board mounting detail
A slant line part hows
the solder land black part:
Do not solder and wiring
for electrical contact
11.3
5-¿1.05holes
E
D
B
C
A
1.6
EC11J15
Type only
EC11J09
Type only
¿2.1hole
2-R0.8
1.6
2-R0.8
1.55
5
5
12.6
6
12.5
PC board mounting detail
A slant line part hows
the solder land black part:
Do not solder and wiring
for electrical contact
11.3
5-¿1.05holes
E
D
B
C
A
1
2
11.7
15
8.1
A
D
B
C
E
(20)
24.5
7
4.5
1.2
C1
(Switch0.1)
Mounting
surface
10
R0.5
C1
¿8.975
(Dummy
terminal)
PC board mounting detail
A slant line part hows
the solder land black part:
Do not solder and wiring
for electrical contact
1.6
6.3
5-1.3
5
9
12.5
16.5
13
7.5
2-R0.8
E
D
B
C
A
¿2.1Hole
0.5
1.3
2-R0.65
EC11J09
Type only
EC11J15
Type only
3
4
11.7
15
8.1
A
D
B
C
E
(20)
24.5
7
4.5
1.2
C1
(Switch0.1)
(Switch0.2)
Mounting
surface
10
R0.5
C1
Switch travel
0.5or1.5
¿8.975
PC board mounting detail
A slant line part hows
the solder land black part:
Do not solder and wiring
for electrical contact
1.6
6.3
5-1.3
5
9
12.5
16.5
13
7.5
2-R0.8
E
D
B
C
A
¿2.1hole
0.5
1.3
2-R0.65
EC11J09
Type only
EC11J15
Type only
11mm Size Metal Shaft Long Life Type
EC11J/EC11K Series
Encoder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com