Electronic Components Datasheet Search
  English  ▼

X  

EC11J Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11J
Description  11mm Size Metal Shaft Long Life Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11J Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC11J Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Incremental
Type
Absolute
Type
177
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t: Masking time to avoid chattering
Measurement condition:Rotation speed 360
û/s
A signal
B signal
Detent stabillity point
(
When the switch is provided)
CW direction
OFF
ON
ON
OFF
List of Varieties
Incremental
Without
With
(0.5, 1.5)
11.7
14.2
12
4.5
Vertical
9
/18
15
/30
15
/30
181
187
11mm size
Single-shaft
2.0
19.2
10
Without
With
(1.5)
Without
With
(1.5)
18
/18
190
20mm size
EC20A/RK203
EC11G
EC11J
EC11K
Soldering
Dimensions
(mm)
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Type
Photo
Output
Changeover angle
Page
Series
Dip soldering
Reflow soldering
12.4
12.5
13.2
11.7
5
12/12
24/24
15/30
192
12mm size
Insulated shaft
EC12E
EC12D
Without
With
(0.5)
Metal shaft
Operating temperature range
Voltage proof
Maximum operating current
(Resistive load)
Output signal
Output wave
Sliding noise
Rotational torque
Detent torque
Push-pull strength
Cold
Dry heat
Damp heat
Insulation resistance
Circuit
・number of contacts
Travel
(mm)
Operating force
(N)
Rating
Contact esistance
Operating life
–30
℃ to +85℃
10mA
350
℃ max. 3s max.
100N
12
±5mN・m
300V AC for 1minute
–40
±3℃ for 240h
85
±3℃ for 240h
60
±2℃, 90 to 95% RH for 240h
Please see P.189
100M
Ω min. 250V DC
Output of A and B signals, proportionate to phase difference
–40
℃ to +85℃
–30
℃ to +80℃
7
mN・m
+ 3
− 4
10
±7mN・m
260
±5℃, 5±1s
260
±5℃, 5±1s
1mA
5mA
50V AC for 1minute
10M
Ω min. 50V DC
40
±20mN・m
Single pole and single throw
(Push-on)
Single pole and single throw
(Push-on)
1.5
±0.5
0.5
±0.3
4
±2
5
±2
0.1A 5V DC
100m
Ω for initial period; 200mΩ after operating life
1,000,000
times
min.
500,000
times
min.
0.5
±0.3 1.5±0.5
6
+ 2.5
− 2
4
±2
4
±2
0.5
±0.3
1.5
±0.5
5
±2
0.5A 16V DC
(1mA 16V DC min. ratings)
0.5A 16V DC
(1mA 16V DC min. ratings)
20,000times min.
1,000,000
times
min.
20,000times
min.
V1
=V2=1.5V max.
At R = 10k
Ω
Chattering : 3ms max.
Bounce : 2ms max.
At R = 5k
Ω
Chattering : 3ms max.
Bounce : 2ms max.
Standard detent Without detent
–10
℃ to +70℃
With push-on switch
–40
℃ to +85℃
10mA
100M
Ω min. 250V DC
300V AC for 1minute
or360VACfor1s.
80N
100N
3
±2mN・m
3
to 20mN・m
5
±3mN・m
10
±5mN・m
10mN
・m max.
25
±15mN・m
40
±15mN・m
260
℃±5℃, 3±1s
–40
±3℃ for 240h±10h
85
±3℃ for 240h±10h
60
±2℃, 90 to 95%RH for 240h±10h
0.5
±0.3
3 + 1.5
− 1.0
6 + 2.5
− 2
1mA 5V DC
100m
Ωforinitialperiod;200mΩafteroperatinglife
30,000times min.
100,000
times
min.
Please see P.191
Please see P.191
Encoders



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com