Electronic Components Datasheet Search
  English  ▼

X  

EC21A Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21A
Description  21mm Size Encoder Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21A Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC21A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Encoder
Type
Potentiometer
Type
448
Hollow Shaft
Type Devices
Hollow Shaft Type Devices
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
︵
︶
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional functions
W
D
H
Manual soldering
Type
Photo
Output
Changeover angle
Series
Dip soldering
Reflow soldering
Operating temperature range
List of Varieties
Incremental
Without
Encoder
21.6
4
EC21A
21mm size
455
Vertical
9/18
15/30
Hollow shaft
15/30
28
29
EC28A
28mm size
456
–40
℃ to +85℃
Terminal strength
Vibration
Actuator
strength
Rotational
direction
Push
direction
100M
Ωmin. 250V DC
300V AC for 1minute
16
±7mN・m
12
±7mN・m
5N for 1minute
100N
100N
–40
±2℃ for 240h
85
±2℃ for 240h
60
±2℃, 90 to 95%RH for 240h
260
±5℃, 5±1s
2.5V max.
at 5V DC,1mA
(resistive load)
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively
20
±10mN・m
Page
Voltage proof
Output voltage
Rotational
torque
Cold
Dry heat
Damp heat
Insulation resistance
35mm size
350℃ max. 3s max.
2.5V max.
at 5V DC,0.5mA
(resistive load)
–40
±3℃ for 240h
85
±3℃ for 240h
15
35
35
37
ABC
EC35AH
6
GABC/18
10
GABC/30
457
458
18
±7mN・m
21.35
Incremental/
Self-returen switch
EC35B
15
/30
20
±10mN・m
2.5V max.
at 5V DC,1mA
(resistive load)
12
°
40.4
41.6
9
44.5
45
Incremental
Absolute
31
Position
EC40A
40mm size
EC45A
45mm size
459
460
Shall be in accordance
with individual
specifications.
50N
10M
Ω min. 50V DC
50V AC for 1minute
3N for 10s.
40
±2℃, 90 to 95%RH for 240h
260
℃ max. 5s max.
2.5V max.at 5V DC,0.5mA
(resistive load)
20
±11mN・m
15
/30
Incremental
12
°
462
61.8
11.5
EC60A
60mm size
10M
Ω min. 500V DC
500V AC for 1minute
40
±20mN・m
Self-return Switch Specifications
Items
EC35B
Circuit
・number of contacts
Single pole and double throw
(Self-return)
2.8
±0.5
3.8
±1.5
15
±5°
40
±25mN・m
10mA 5V DC
200m
Ω max.
15,000cycles
Travel
(mm)
Push operating force
(N)
Switch ON position
Ratational torgue
Rating
Contact resistance
Operating life
● Hollow Shaft Type Device Cautions ……………………………………………………………………………465, 466, 467



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com