Electronic Components Datasheet Search
  English  ▼

X  

EC21A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21A
Description  21mm Size Encoder Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC21A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encoder
Type
Potentiometer
Type
455
Hollow Shaft
Type Devices
21mm Size Encoder Type
EC21A Series
Hollow-center shaft encoder with 4mm height contribute to space saving and multifunctioning.
Hollow Shaft Type Devices
No.
Product Line
10mA 5V DC
50,000cycles
Rating
Items
Specifications
Operating life
Without load
With load
50,000cycles
Typical Specifications
Vertical
9
16
±7
7
±5
30
18
15
9
Without
EC21A1520401
EC21A1540401
EC21A0920401
Product No.
1
2
No.
Push-on
switch
Operating
direction
Actuator
length
(mm)
Detent torque
(mN・m)
Number of
detent
Number of
pulse
600
Minimum order
unit
(pcs.)
1.5
2
90
°
C
A
B
22.3
16
2.6
16
.6
23
.2
3–ø1 holes
ø1
.5
h
ole
90
°
5
Dimensions
Unit:mm
PC board mounting hole dimensions
(Do not wire the shaded area)
1.5
90
°
C
A
B
22.3
2.6
16
.6
23
.2
3–ø1 holes
90
°
5
Style
1
2
Photo
3.5
9
4
3
2
120
°
2-21.6
4-2.5
1
2-8
A
B
C
Mounting surface
3.5
9
4
3
2
120
°
21.6
4-2.5
1
2-8
A
B
C
Mounting surface


Similar Part No. - EC21A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC21A09 ALPS-EC21A09 Datasheet
1Mb / 4P
21mm Size Ring Type
EC21A0920401 ALPS-EC21A0920401 Datasheet
1Mb / 4P
21mm Size Ring Type
logo
List of Unclassifed Man...
EC21A0920401 ETC-EC21A0920401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
EC21A0950402 ETC-EC21A0950402 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC21A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC28A ALPS-EC28A Datasheet
131Kb / 2P
28mm Size Encoder Type
EC40A ALPS-EC40A Datasheet
134Kb / 2P
40mm Size Encoder Type
EC45A ALPS-EC45A Datasheet
192Kb / 3P
45mm Size Encoder/Potentiometer
EC60A ALPS-EC60A Datasheet
135Kb / 2P
60mm Size Encoder Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A_15 Datasheet
1Mb / 4P
21mm Size Ring Type
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
FOTEK CONTROLS CO., LTD...
WE-M1 FOTEK-WE-M1 Datasheet
1Mb / 2P
Wheel Type Length Encoder
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com