Electronic Components Datasheet Search
  English  ▼

X  

EC45A Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC45A
Description  45mm Size Encoder/Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC45A Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC45A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC45A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC45A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
461
Encoder
Type
Potentiometer
Type
Hollow Shaft
Type Devices
Dimensions
Unit:mm
No.
Style
PC board mounting hole dimensions
(Viewed from switch mounting face)
3
ø2
hole
2.6
36
18
1
2
3
3
42.8
44.4
RK45A
Potentiometer Type
ø44.5
ø35.6
34.8
9
9
7
3.5
3.5
20
Photo
Standard Codes(Absolute Type)
Number of
positions
Code
Gray
4
2
3
5
6
1
●
2
●
●
3
●
4
●
●
5
●
●
●
6
●
●
7
●
8
●
●
9
●
●
●
10
●
●
●
●
11
●
●
●
12
●
●
13
●
●
●
14
●
●
15
●
16
●
●
17
●
●
●
18
●
●
●
●
19
●
●
●
20
●
●
●
●
21
●
●
●
●
●
22
●
●
●
●
23
●
●
●
24
●
●
25
●
●
●
26
●
●
●
●
27
●
●
●
28
●
●
29
●
●
●
30
●
●
31
●
31
Posit
ion
1. The
● marks shows the ON position.
2. The
● marks : Connections between terminals and the common terminal(terminal No. =1)are ON.
Terminal
V1
=V2=2.5V max.
5V DC
RR
tt
V1
V2
ON
ON
OFF
Terminal 2
Terminal 1
Terminal 3
Encoder
Test circuit
Output waveform
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360˚/s
At R = 10k
Ω
Chattering : 3ms max.
Bounce
: 2ms max.
Circuit Diagram(Potentiometer Type)
CW
1
2
3
Clockwise
direction
ON
A(Terminal 1Ð3)
A(Terminal 1Ð3)
B(Terminal 2Ð3)
B(Terminal 2Ð3)
Signal
Output
Counter-clockwise
direction
OFF
ON
OFF
ON
OFF
ON
OFF
Shaft rotational
Direction
The dotted lines indicate detent positions
Output Wave(Incremental Type)
Sliding Noise(Incremental Type)
45mm Size Encoder/Potentiometer
EC45A/RK45A Series
Hollow Shaft Type Devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com