Electronic Components Datasheet Search
  English  ▼

X  

EC45A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC45A
Description  45mm Size Encoder/Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC45A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC45A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC45A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC45A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
460
Encoder
Type
Potentiometer
Type
Hollow Shaft
Type Devices
45mm Size Encoder/Potentiometer
EC45A/RK45A Series
Large ring, heavy torque device perfect for large ring knob design.
Hollow Shaft Type Devices
Products other than those listed in the above chart are also available. Please contact us for details.
Product Line
Note
0.5mA 5V DC
0.05W
30,000cycles
Rating
(max.)
Items
Specifications
Encoder
Potentiometer
Operating life
Typical Specifications
5bit
Gray code
36
±16
EC45AG520402
Product No.
2
Drawing
No.
Output code
Detent torque
(mN・m)
200
31
Positions
240
°
Rotational
angle
Minimum order
unit
(pcs.)
Encoder
(Absolute type)
10k
Ω
240
°
200
Minimum order
unit
(pcs.)
RK45A1100004
Product No.
3
Drawing
No.
Total
resistance
Rotational
angle
50
±20
B
Resistance
taper
5
Positions
Detent torque
(mN・m)
Potentiometer
30
±14
EC45A1520404
Product No.
1
Drawing
No.
Detent torque
(mN・m)
200
30
Number of detent
15
Number of pulse
Minimum order unit
(pcs.)
Encoder
(Incremental type)
Dimensions
Unit:mm
No.
1
2
Style
PC board mounting hole dimensions
(Viewed from switch mounting face)
44.4
42.8
2.6
36
18
1
2
3
2-ø2
holes
2.6
36
36
1
2
3
4
5
6
3
3
42.8
44.4
EC45A
Incremental Type
EC45A
Absolute Type
ø44.5
ø35.6
34.8
9
9
7
3.5
3.5
20
ø44.5
ø35.6
34.8
3.5
9
7
9
3.5
20
Photo


Similar Part No. - EC45A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC45A ALPS-EC45A Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC45AG520402 ALPS-EC45AG520402 Datasheet
694Kb / 3P
45mm Size Ring Type
logo
List of Unclassifed Man...
EC45AG520402 ETC-EC45AG520402 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC45A ALPS-EC45A_15 Datasheet
694Kb / 3P
45mm Size Ring Type
More results

Similar Description - EC45A

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SIM865170 CELDUC-SIM865170 Datasheet
277Kb / 4P
AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A Datasheet
170Kb / 2P
21mm Size Encoder Type
EC28A ALPS-EC28A Datasheet
131Kb / 2P
28mm Size Encoder Type
EC40A ALPS-EC40A Datasheet
134Kb / 2P
40mm Size Encoder Type
EC60A ALPS-EC60A Datasheet
135Kb / 2P
60mm Size Encoder Type
RK45B ALPS-RK45B Datasheet
249Kb / 2P
45mm LED Illuminated Potentiometer
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC45A ALPS-EC45A_15 Datasheet
694Kb / 3P
45mm Size Ring Type
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com