Electronic Components Datasheet Search
  English  ▼

X  

ACE301N60TO+ Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE301N60TO+
Description  High-precision Low Voltage Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301N60TO+ Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE301N60TO+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
6
Electrical Characteristics by Detector Threshold
Detector Threshold
Detector Threshold
Hysteresis
Supply Current1
Supply Current2
-Vdet[V]
Vhys[V]
Iss1[uA]
Iss2[uA]
Part Number
Min.
Typ.
Max.
Min.
Typ.
Max.
Condition
Typ.
Max.
Condition
Typ.
Max.
ACE301X09XX+
0.882
0.900
0.918
0.018
0.036
0.054
ACE301X10XX+
0.980
1.000
1.020
0.020
0.040
0.060
ACE301X11XX+
1.078
1.100
1.122
0.022
0.044
0.066
ACE301X12XX+
1.176
1.200
1.224
0.024
0.048
0.072
ACE301X13XX+
1.274
1.300
1.326
0.026
0.052
0.078
ACE301X14XX+
1.372
1.400
1.428
0.028
0.056
0.084
ACE301X15XX+
1.470
1.500
1.530
0.030
0.060
0.090
ACE301X16XX+
1.568
1.600
1.632
0.032
0.064
0.096
ACE301X17XX+
1.666
1.700
1.734
0.034
0.068
0.102
ACE301X18XX+
1.764
1.800
1.836
0.036
0.072
0.108
ACE301X19XX+
1.862
1.900
1.938
0.038
0.076
0.114
1.0
1.5
ACE301X20XX+
1.960
2.000
2.040
0.040
0.080
0.120
ACE301X21XX+
2.058
2.100
2.142
0.042
0.084
0.126
ACE301X22XX+
2.156
2.200
2.244
0.044
0.088
0.132
ACE301X23XX+
2.254
2.300
2.346
0.046
0.092
0.138
ACE301X24XX+
2.352
2.400
2.448
0.048
0.096
0.144
ACE301X25XX+
2.450
2.500
2.550
0.050
0.100
0.150
ACE301X26XX+
2.548
2.600
2.652
0.052
0.104
0.156
ACE301X27XX+
2.646
2.700
2.754
0.054
0.108
0.162
ACE301X28XX+
2.744
2.800
2.856
0.056
0.112
0.168
ACE301X29XX+
2.842
2.900
2.958
0.058
0.116
0.174
ACE301X30XX+
2.940
3.000
3.060
0.060
0.120
0.180
ACE301X31XX+
3.038
3.100
3.162
0.062
0.124
0.186
ACE301X32XX+
3.136
3.200
3.264
0.064
0.128
0.192
ACE301X33XX+
3.234
3.300
3.366
0.066
0.132
0.198
ACE301X34XX+
3.332
3.400
3.468
0.068
0.136
0.204
ACE301X35XX+
3.430
3.500
3.570
0.070
0.140
0.210
ACE301X36XX+
3.528
3.600
3.672
0.072
0.144
0.216
ACE301X37XX+
3.626
3.700
3.774
0.074
0.148
0.222
ACE301X38XX+
3.724
3.800
3.876
0.076
0.152
0.228
ACE301X39XX+
3.822
3.900
3.978
0.078
0.156
0.234
ACE301X40XX+
3.920
4.000
4.080
0.080
0.160
0.240
ACE301X41XX+
4.018
4.100
4.182
0.082
0.164
0.246
ACE301X42XX+
4.116
4.200
4.284
0.084
0.168
0.252
ACE301X43XX+
4.214
4.300
4.386
0.086
0.172
0.258
Vdd=
(-Vdet)+0.1V
0.5
1.0
Vdd=
(-Vdet)+2V
0.5
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com