Electronic Components Datasheet Search
  English  ▼

X  

ACE301N60TO+ Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE301N60TO+
Description  High-precision Low Voltage Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301N60TO+ Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE301N60TO+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE301N60TO+ Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
7
ACE301X44XX+
4.312
4.400
4.488
0.088
0.176
0.264
ACE301X45XX+
4.410
4.500
4.590
0.090
0.180
0.270
ACE301X46XX+
4.508
4.600
4.692
0.092
0.184
0.276
ACE301X47XX+
4.606
4.700
4.794
0.094
0.188
0.282
ACE301X48XX+
4.704
4.800
4.896
0.096
0.192
0.288
ACE301X49XX+
4.802
4.900
4.998
0.098
0.196
0.294
ACE301X50XX+
4.900
5.000
5.100
0.100
0.200
0.300
ACE301X51XX+
4.998
5.100
5.202
0.102
0.204
0.306
ACE301X52XX+
5.096
5.200
5.304
0.104
0.208
0.312
ACE301X53XX+
5.194
5.300
5.406
0.106
0.212
0.318
ACE301X54XX+
5.292
5.400
5.508
0.108
0.216
0.324
ACE301X55XX+
5.390
5.500
5.610
0.110
0.220
0.330
ACE301X56XX+
5.488
5.600
5.712
0.112
0.224
0.336
ACE301X57XX+
5.586
5.700
5.814
0.114
0.228
0.342
ACE301X58XX+
5.684
5.800
5.916
0.116
0.232
0.348
ACE301X59XX+
5.782
5.900
6.018
0.118
0.236
0.354
ACE301X60XX+
5.880
6.000
6.120
0.120
0.240
0.360
Output Current1
Output Current2
Output
Delay
Time
Minimum
Operation
Voltage
Detector
Threshold
Temperature
Coefficient
Iout1[mA]
Iout2[mA]
TPLH[us]
VDDL[V]
Δ-VDET/ΔTppm/℃
Condition
Min.
Typ.
Condition
Min.
Typ.
Max.
Typ.
Max.
Condition
Typ.
Vdd=0.85V
0.1
0.5
Vdd=1.0V
0.2
1.0
NCH,
VDS=0.05V,
VDD=0.7V
0.01
0.05
NCH,
VDS=0.5V
VDD=1.5V
1.0
2.0
20
0.5
0.7
-40℃ ≤
Topt
≤ 85℃
±100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com