Electronic Components Datasheet Search
  English  ▼

X  

RDC40 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC40
Description  Rotary Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC40 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RDC40 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Piezo
Sensor
23
Magnetic
Sensor
Resistive
Sensor
4
16
2
0.4
4.6
ø1.5 hole
Taping Specifications in Model RDC503, RDC506
Unit:mm
Sealing conditions
4
16
4.9
0.4
2
ø1.5 hole
Lead-cut direction
Blank portion 10pcs.
Blank portion 10pcs.
Lead portion 400mm min.
Dimension of embossed tape
RDC503
RDC506
Reel dimensions
RDC503
Number of packings
(pcs.)
1,300
RDC506
1,200
Taping Specifications
O.D
¿380
60û
60゚
¿13
A
Detail of
A
¿13
Rotary Type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com