Electronic Components Datasheet Search
  English  ▼

X  

RDC40 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC40
Description  Rotary Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC40 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RDC40 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Piezo
Sensor
20
Magnetic
Sensor
Resistive
Sensor
Mounting method
Horizontal type
Vertical type
Reflow type
Reflow type
(Low-profile)
Connector type
Drawing No.
Effective variable
range
Model No.
Minimum packing unit
(pcs.)F
Linearity
Hollow shaft
variation
Operating life
(cycles)
RDC401D07A
RDC501015A
RDC501011A
RDC502006A
RDC503013A
RDC503015A
RDC506002A
Rotation angle detecting sensors in car air conditioners,
projectors, digital cameras and photo copiers
Joint angle detections in robots
Digital video cameras
Car navigation systems
●
●
●
●
Uses potentiometer system.
Analog output facilitates signal processing.
Provides stable output characteristics against external noise
and temperature changes.
●
●
●
Features
Applications
1,500
Rotary Type
RDC40/RDC50 Series
Compact, high precision, high heat resistant rotary sensors, meet various needs in position detection.
Typical Specifications
Items
2mN
・m max.
1,000,000cycles
(RDC40:100,000cycles)
Rotational torque
5V DC
Rating voltage
Operating life
Specifications
10k
Ω
Total resistance
±30%
Total resistance tolerance
1. Additional product specifications in response to those not included in the above recommended products are also
available.
2. FThe minimum packing unit is the basic unit quantity of your order. Please place purchase orders in integer
multiples of the minimum packing unit. Please conact us for export packaging details.
Notes
For other product specifications, see P.30
320
°
13rotations
±2%
±1%
2
3
1,600
4
1,300
1
770
5
6
1,200
Product List
7
−
φ3.5 dia
φ3.5 dia with radius
100,000
1,000,000
φ3.5 dia
φ3.5 dia with radius
φ4 dia
Resistive Sensors


Similar Part No. - RDC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
Radial Drum Core Inductors
logo
XP Power Limited
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
DC-DC Power Supplies
logo
Allied Components Inter...
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC40-101K-RC ALLIED-RDC40-101K-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
More results

Similar Description - RDC40

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
Flat/Flush Shaft Type Rotary DIP Code Switches
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
Knob Type Rotary DIP Code Switches
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
Wheel/Indicator Type Rotary DIP Code Switches
logo
ALPS ELECTRIC CO.,LTD.
RDC80 ALPS-RDC80 Datasheet
180Kb / 4P
Rotary Type
RK168 ALPS-RK168 Datasheet
284Kb / 5P
Rotary Motor-driven Type
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
Rotary Type Power Switch with Encorder
SDKZ ALPS-SDKZ_15 Datasheet
918Kb / 5P
Rotary type power switch with encoder
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
Incremental type two-phase rotary encoder
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
24mm Rotary Type, Metal Shaft Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com