Electronic Components Datasheet Search
  English  ▼

X  

RK09K Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K
Description  9mm Size Insulated Shaft Snap-in Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK09K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
371
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
Insulated Shaft Potentiometer
Insulated Shaft Potentiometer
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
PC board mounting
hole dimensions
(Viewed from mounting side)
Terminal Layout/Circuit Diagram
Dual-unit
Tapers 15A, 1B, 3B
3
1
2
2
1
3
2
3
1
1
2
3
1
1
2
2
3
3
Tapers 15C
Dimensions
No.
Photo
Style
Unit:mm
9
10
11
12
0.8
2.4
2
6.8
9.8
50
˚
0.8
7.4
Shaft shown in
full CCW position
R1
LM1
0.8
3.8
3.2
6.8
9.8
50
˚
Shaft shown in
full CCW position
R1
LM1
5
7
2.4
2
20
6.8
9.8
50
˚
0.8
7.4
Shaft shown in
full CCW position
5
3.8
3.2
6.8
9.8
50
˚
Shaft shown in
full CCW position
R1
LM1
T
=1.6
3.3
2.5
2.1
5-ø
1 h
ole
s
5
2.5
1.8
10.6
2.5
3.3
2.1
5-ø
1 h
ole
s
5
2.5
10.6
1.8
Horizontal type
RK09K12A
Vertical type
RK09K12C
Single-shaft, dual-unit
Horizontal type with collar
RK09K12A
Vertical type with collar
RK09K12C
15
20
6
7
LM1
R1
25
30
12
12
LM1
R1
15
20
6
7
30
12
LM1
R1
3
1
2
2
1
3
2
3
1
1
1
1
2
2
2
3
3
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com