Electronic Components Datasheet Search
  English  ▼

X  

RK09K Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K
Description  9mm Size Insulated Shaft Snap-in Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK09K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
368
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
Compact type potentiometer with 9.8mm width is ideal for designing high density sets.
Insulated Shaft Potentiometer
Operating life
Items
Total
resistance
tolerance
Single-unit
±20%
±30%
50V AC
20V DC
50V AC for AC only
RK09K: 280
±5°
RK09D: 300
±5°
280
±5°
1 to 8mN
・m
5,000cycles
10,000cycles
−10℃ to +70℃
Dual-unit
Single-unit
Dual-unit
Single-unit
Dual-unit
Single-unit
Dual-unit
Maximum
operating
voltage
Total
rotational
angle
Rotational torque
Operating temperature range
Specifications
Typical Specifications
Resistance
taper
Number of
resistor
elements
Single-unit
(20V DC)
Mounting
direction
Vertical
type
Horizontal
type
H
=6.5mm
Horizontal
type
H
=10mm
Shaft
type
Flat
Knob
Driver
Length
of the shaft
(mm)
15
20
25
30
15
20
30
15
20
15
20
30
20
25
30
25
15
20
25
Center
detent
With
Without
Total
resistance
(kΩ)
10
5
10
50
10
20
1B
15A
1B
Total
rotation
angle
280
±5°
300
±5°
Without
With
Collar
(Sleeve type)
Products No.
RK09K113004U
RK09K1130AU2
RK09K1130A6S
RK09K1130AJ3
RK09K1130ACM
RK09K1130ACL
RK09K1130AAU
RK09K1130AH1
RK09K1130BM4
RK09K1130A8G
RK09K1130A5R
RK09K1130081
RK09K1130A70
RK09K1130AP5
RK09K1130AV7
RK09K1110A2S
RK09K1110AK4
RK09K1110AH8
RK09K1110B1V
RK09K1110A0J
RK09K11100E9
RK09K1110B1R
RK09K1110B26
RK09D1130C1B
RK09D1130C2P
RK09D1130A1L
RK09D1130A1N
RK09D1130C3W
RK09D1130C3C
RK09D113000F
RK09D1110C0R
Minimum
order unit
(pcs.)
1,000
Drawing
No.
2
7
8
1
5
6
4
3
Product Line
Vertical
type
Horizontal
type
H
=10mm
Flat
Flat
Knob
With
With
With
Without
Without
Without
5
10
5
10
20
5
10
50
50
50
10
10
15A
1B
15A
1B


Similar Part No. - RK09K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK09K11100E9 ETC-RK09K11100E9 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
RK09K1110A0J ETC-RK09K1110A0J Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
RK09K1110A2S ETC-RK09K1110A2S Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
RK09K1110AH8 ETC-RK09K1110AH8 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
RK09K1110AK4 ETC-RK09K1110AK4 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RK09K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E Datasheet
176Kb / 2P
9mm Size Metal Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
14mm Size Insulated Shaft Snap-in Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
9mm Size Metal Shaft Multi-ganged Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
18mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com