Electronic Components Datasheet Search
  English  ▼

X  

RK45B Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK45B
Description  45mm LED Illuminated Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK45B Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK45B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK45B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
449
Encoder
Type
Potentiometer
Type
Hollow Shaft
Type Devices
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
︵
︶
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual
soldering
Type
Photo
Output
Changeover
angle
Series
Dip soldering
Reflow
soldering
Operating temperature
range
List of Varieties
Terminal
strength
Vibration
Actuator
strength
Pushing
direction
Pulling
direction
Voltage proof
Cold
Dry heat
Damp heat
Insulation
resistance
Output wave
Detent torque
LED illuminate
LED illuminate
39
40
8.5
260
%5℃, 5s max.
9
44.5
45
Vertical
Hollow shaft
Potentiometer
RK39A
39mm size
45mm size
RK45A
Potentiometer
Without
463
460
–40
℃ to +85℃
Shall be in accordance with individual specifications.
50N
10M
Ω min. 50V DC
50V AC for 1minute
3N for 10s.
–40
±3℃ for 240h
85
±3℃ for 240h
40
±2℃, 90 to 95%RH for 240h
350℃ max. 3s max.
260
℃ max. 5s max.
40
%16mN・m
100N
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
45
45.5
9.5
RK45B
464
39
40
8.5
260
%5℃, 5s max.
RK45C
40
%16mN・m
Page
● Hollow Shaft Type Device Cautions ……………………………………………………………………………465, 466, 467
Hollow Shaft Type Devices



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com