Electronic Components Datasheet Search
  English  ▼

X  

RK45B Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK45B
Description  45mm LED Illuminated Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK45B Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK45B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK45B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
464
Encoder
Type
Potentiometer
Type
Hollow Shaft
Type Devices
1
RK45B
(with LED)
2.5
3.7
22.2
2.5
19.7
9.5
3.5
Mounting surface
V4
5
V2
5
32
1.2
3.2
24
6-V
1.2
holes
22.5
17.5
12.5
46.4
2-1.8
1
K2
3 CA
N
35
2-V2.6
23
Dimensions
Unit:mm
No.
Style
Photo
PC board mounting hole dimensions
(Viewd from mounting face)
2
A
3
2
1
K
46.4
35
2-¿2.6
10
5
23
2-1.8
5-¿1.2holes
RK45C
(with chip LED)
¿45
22
24
32
1.2
3.5
14.9
2.5±0.5
2.5
22.2
9.5
19.7
3.7±0.5
Mounting
surface
Operating life
Detent torque
45mm LED Illuminated Potentiometer
RK45B/RK45C Series
Hollow Shaft Type Devices
This LED illuminated potentiometer is most suitable for knob design of various set devices.
%20%
RK45B : 180
%5°
(270 deg. max.)
RK45C : 220
%5°
(290 deg. max.)
Contact resistance
Items
Specifications
Total Rotational angle
RK45B :55
%20 mN・m、40%16 mN・m
RK45C :40
%16 mN・m
30,000cycles
-40
℃ to +85℃
Operating temperature range
Typical Specifications
NEW
Product Line
RED
B
8
17
180
$
220
$
55
%20
40
%16
RK45B1A00001
RK45B1A00002
RK45C1A00003
Product No.
1
2
Drawing
No.
LED
Resistanc
e taper
5k
Ω
Total
resistance
Number of
positions
Rotation
al angle
Detent torque
(mN・m)
200
400
Minimum order
unit
(pcs.)
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. We can also provide LED colors other than the above mentioned. Contact us if you have such requirements.
Notes


Similar Part No. - RK45B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK45B1A00001 ALPS-RK45B1A00001 Datasheet
3Mb / 3P
This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
List of Unclassifed Man...
RK45B1A00001 ETC-RK45B1A00001 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK45B1A00002 ALPS-RK45B1A00002 Datasheet
3Mb / 3P
This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
List of Unclassifed Man...
RK45B1A00002 ETC-RK45B1A00002 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
This LED illuminated ring potentiometer is best suited for knob design of various set devices
More results

Similar Description - RK45B

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
CLS-TC11A12250B LUMEX-CLS-TC11A12250B Datasheet
46Kb / 1P
BLUE LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12251B LUMEX-CLS-TC11A12251B Datasheet
47Kb / 1P
BLUE LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12251G LUMEX-CLS-TC11A12251G Datasheet
47Kb / 1P
GREEN LED ILLUMINATED TOGGLE SWITCH
CLS-TC11A12251R LUMEX-CLS-TC11A12251R Datasheet
47Kb / 1P
RED LED ILLUMINATED TOGGLE SWITCH
CLS-TS11A12250G LUMEX-CLS-TS11A12250G Datasheet
48Kb / 1P
GREEN LED ILLUMINATED TOGGLE SWITCH
logo
ALPS ELECTRIC CO.,LTD.
EC45A ALPS-EC45A Datasheet
192Kb / 3P
45mm Size Encoder/Potentiometer
RK39A ALPS-RK39A Datasheet
143Kb / 2P
39mm LED Illuminated Potentiometer
RK39A ALPS-RK39A_15 Datasheet
1Mb / 3P
This LED illuminated ring potentiometer is best suited for knob design of various set devices
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
CTS Corporation
12VR CTS-12VR Datasheet
847Kb / 7P
12mm Panel Potentiometer w/Illuminated Shaft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com