Electronic Components Datasheet Search
  English  ▼

X  

RK117 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK117
Description  11mm Size Metal Shaft Low-profile Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK117 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK117 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
340
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Dimensions
No.
1
Single-shaft, single-unit
RK1171110
Single-shaft, single-unit
RK1171110
Single-shaft, single unit
with push-on switch
0.5mm travel
RK1171114-5R4411
Single-shaft, single unit
with push-on switch
1.5mm travel
RK1171114-5R4511
2
3
4
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
20.3
(15)
5.3
7
3.5
Mounting
surface
5
3.6
¿7
C1
60û
11.7
Shaft shown in
full CCWposition
R1
12 3
11.1
1.8
5
3-¿1 holes
25.3
(20)
5.3
7
3.5
Mounting
surface
10
3.6
R1
¿7
C1
60û
11.7
Shaft shown in
full CCW position
12 3
11.1
1.8
5
3-¿1 holes
26.5
(20)
6.5
7
3.5
Mounting
surface
10
0.5
3.6
R1
¿7
C1
60û
11.7
Shaft shown in
full CCW position
12 3
Switch
Switch travel
11.1
5
1.8
5
5-¿1 holes
27.55
(20)
7.55
7
3.5
Mounting
surface
10
1.5
3.6
R1
¿7
C1
60û
11.7
Shaft shown in
full CCW position
12 3
Switch
Switch travel
11.1
5
1.8
5
5-¿1 holes
Unit:mm
11mm Size Metal Shaft Low-profile Type
RK117 Series
Metal Shaft Potentiometer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com