Electronic Components Datasheet Search
  English  ▼

X  

RK117 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK117
Description  11mm Size Metal Shaft Low-profile Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK117 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK117 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK117 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
341
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
11mm Size Metal Shaft Low-profile Type
RK117 Series
Refer to P.342, 502 for resistance taper.
Product Varieties
Dimensions of Shaft
Flat type
L1
LB
C1
Shaft shown in full CCW
position.
60û
¿7.85
R
Total Resistance Variety
In addition to the recommended products, the following specifications can also be accommodated.
Total resistance
(kΩ)
10
20
50
Resistance Taper
Resistance taper
15A
1B
3B
Detent and Attached Switch
Detent
Without
Center
41
0.5, 1.5mm
Single-shaft, Single-unit
Attached switches travel
Variety
Items
Detailed dimensions
L1
15
7
5
20
7
10
25
7
12
※LB
R
Unit:mm
1.
marked are specifications recommended by ALPS.
2.
※LB is only available in 7mm, and does not support M7(with screws)
.
Notes
Metal Shaft Potentiometer
Specifications for the Switch
Mechanical Characteristics
Switch type
Pole-position
Rating
Changeover torque
(Operating force)
Travel
(mm)
Momentary
push
5R4411
5R4511
SPST
3A 16V DC
6
±3N
5
±2N
0.5
1.5
Electrical Characteristics
Model
Contact resistance
Insulation resistance
Voltage proof
5R4411, 5R4511
100m
Ωfor initial period,
200m
Ωafter operating life
100M
Ω min.
Measured with a 250V DC
megger.
300V AC
1 minute min.
Durability
Operating life
under load
The switch under a rated resistive load shall be subjected to a total of 25,000 cycles of
operation at a speed of 600 to 1,000 cycles per hour.
The contact resistance after testing should not exceed 200m
Ω.
The switch under a rated resistive load shall be subjected to a total of 20,000 cycles of
operation at a speed of 600 to 1,000 cycles per hour.
The contact resistance after testing should not exceed 200m
Ω.
The operating current should be 10mA or greater.
Note
5R4411
5R4511



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com