Electronic Components Datasheet Search
  English  ▼

X  

RK27 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK27
Description  27mm Size Metal Shaft Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK27 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK27 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
355
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
27mm Size Metal Shaft Type
RK27 Series
Metal Shaft Potentiometer
No.
1
2
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
7
10
27
15.3
1
2
M8
G0.75
3
2
1
R1
Not specified
slotting angle
1.6
25
C0.5
1.6
7
10
27
25.3
1
2
M8
G0.75
C0.5
3
2
1
R1
R2
Not specified
slotting angle
L1
5
3-ø1.2 holes
Mounting
surface
5
6-ø1.2 holes
10
Mounting
surface
3
7
12
25.3
L1
M8×0.75
C1
2
R2
R1
1
1
23
60
゚
27
10
Shaft shown in full
CCW position
5
10
6п1.2 holes
Mounting
surface
Dimensions
Single-shaft, single-unit
RK27111
Single-shaft, dual-unit
RK27112
Single-shaft, dual-unit
RK27112
Unit:mm
20
25
L1
20
25
L1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com