Electronic Components Datasheet Search
  English  ▼

X  

RK27 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK27
Description  27mm Size Metal Shaft Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK27 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK27 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK27 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
356
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Refer to P.363 for attached parts.
Refer to
P.357, 502 for resistance taper.
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Products Specification
Type
Model
Mounting height
(mm)
Detent variety
Gang error
Single-shaft,
single-unit
RK27111
Single-shaft,
dual-unit
RK27112
Single-shaft,
quad-unit
RK27114
12.5
Center
21
31
41
−60dB to 0dB
within 3dB
−80dB to −60dB
within 5dB
possible
depending on total
resistance and taper.
Total Resistance Variety
Total resistance
(kΩ)
10
5
20
50
100
250
Resistance Taper
Resistance taper
15A
3B
Dimensions of Shaft
1 Slotted type
Unit:mm
2 Flat type
Unit:mm
M8G0.75
L1
R1
7
C1
60˚
Shaft shown in full
CCW position
M8G0.75
7
C0.5
L1
1.6
Not specified slotting angle
L1
15
20
25
30
R1
7
12
12
12
L1
15
20
25
30
marked are specifications recommended by ALPS.
Note
27mm Size Metal Shaft Type Potentiometer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com