Electronic Components Datasheet Search
  English  ▼

X  

PCF8883T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8883T
Description  Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8883T Datasheet HTML 1Page - NXP Semiconductors PCF8883T Datasheet HTML 2Page - NXP Semiconductors PCF8883T Datasheet HTML 3Page - NXP Semiconductors PCF8883T Datasheet HTML 4Page - NXP Semiconductors PCF8883T Datasheet HTML 5Page - NXP Semiconductors PCF8883T Datasheet HTML 6Page - NXP Semiconductors PCF8883T Datasheet HTML 7Page - NXP Semiconductors PCF8883T Datasheet HTML 8Page - NXP Semiconductors PCF8883T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PCF8883_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 October 2009
4 of 24
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
7.
Pinning information
7.1 Pinning
7.2 Pin description
Top view. For mechanical details, see Figure 16.
Fig 2.
Pin configuration of PCF8883 (SOIC8)
PCF8883
IN
VDD
013aaa073
TYPE
CLIN
CPC
OUT
VSS
VDD(INTREGD)
8
1
2
3
4
6
5
7
Table 3.
Pin description
Symbol
Pin
Description
IN
1
sensor input
TYPE
2
pin OUT behavior configuration input
CPC
3
sensitivity setting
VSS
4
ground supply voltage
VDD
5
supply voltage
OUT
6
switch output
CLIN
7
sampling rate setting
VDD(INTREGD)
8
internal regulated supply voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com