Electronic Components Datasheet Search
  English  ▼

X  

PCF8883T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8883T
Description  Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8883T Datasheet HTML 1Page - NXP Semiconductors PCF8883T Datasheet HTML 2Page - NXP Semiconductors PCF8883T Datasheet HTML 3Page - NXP Semiconductors PCF8883T Datasheet HTML 4Page - NXP Semiconductors PCF8883T Datasheet HTML 5Page - NXP Semiconductors PCF8883T Datasheet HTML 6Page - NXP Semiconductors PCF8883T Datasheet HTML 7Page - NXP Semiconductors PCF8883T Datasheet HTML 8Page - NXP Semiconductors PCF8883T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The integrated circuit PCF8883 is a capacitive proximity switch that uses a patented
(EDISEN) digital method to detect a change in capacitance on a remote sensing plate.
Changes in the static capacitance (as opposed to dynamic capacitance changes) are
automatically compensated using continuous auto-calibration. Remote sensing plates
(e.g. conductive foil) can be connected directly to the IC1 or remotely using a coaxial
cable.
2.
Features
I Dynamic proximity switch
I Digital processing method
I Adjustable sensitivity, can be made very high
I Adjustable response time
I Wide input capacitance range (10 pF to 60 pF)
I Automatic calibration
I A large distance (several meters) between the sensing plate and the IC is possible
I Open-drain output (P-type MOSFET, external load between pin and ground)
I Designed for battery powered applications (IDD = 3 µA, typical)
I Output configurable as push-button, toggle, or pulse
I Wide voltage operating range (VDD = 3 V to 9 V)
I Large temperature operating range (Tamb = −40 °C to +85 °C)
I Internal voltage regulator
I Available in SOIC8 (other packages available on request for larger quantities)
PCF8883
Capacitive proximity switch with auto-calibration, large
voltage operating range and very low power consumption
Rev. 01 — 16 October 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 16.


Similar Part No. - PCF8883T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8883T NXP-PCF8883T Datasheet
251Kb / 25P
Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
PCF8883T NXP-PCF8883T Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
PCF8883T/1 NXP-PCF8883T/1 Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
PCF8883T/1,118 NXP-PCF8883T/1,118 Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
More results

Similar Description - PCF8883T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
logo
NXP Semiconductors
PCF8883 NXP-PCF8883_11 Datasheet
251Kb / 25P
Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
logo
ATMEL Corporation
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
Very Low Power Consumption
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
Very Low Power Consumption
logo
ALPS ELECTRIC CO.,LTD.
ATMJ1Z7 ALPS-ATMJ1Z7 Datasheet
518Kb / 1P
Drives Large-Diameter Lenses and Realizes Low Power Consumption
logo
Integrated Silicon Solu...
IS31SE5100 ISSI-IS31SE5100 Datasheet
432Kb / 13P
8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
List of Unclassifed Man...
ANSG08 ETC2-ANSG08 Datasheet
1Mb / 40P
8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com