Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 53 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button SE97TL Datasheet HTML 47Page - NXP Semiconductors SE97TL Datasheet HTML 48Page - NXP Semiconductors SE97TL Datasheet HTML 49Page - NXP Semiconductors SE97TL Datasheet HTML 50Page - NXP Semiconductors SE97TL Datasheet HTML 51Page - NXP Semiconductors SE97TL Datasheet HTML 52Page - NXP Semiconductors SE97TL Datasheet HTML 53Page - NXP Semiconductors SE97TL Datasheet HTML 54Page - NXP Semiconductors SE97TL Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
53 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
15. Revision history
RDIMM
Registered Dual In-line Memory Module
SMBus
System Management Bus
SO-DIMM
Small Outline Dual In-line Memory Module
SPD
Serial Presence Detect
Table 33.
Abbreviations …continued
Acronym
Description
Table 34.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SE97_7
20100129
Product data sheet
-
SE97_6
Modifications:
• Table 1 “Ordering information”:
– added Type number SE97TP/S900
– added Table note [3]
• Added (new) Figure 6 “Pin configuration for HWSON8 (SOT1069-2)”
• Section 7.7 “SMBus time-out”, 1st paragraph, second sentence: changed from “between 25 ns and
35 ms” to “between 25 ms and 35 ms”
• Table 8 “Register summary”, address 07h (Device ID/Revision register):
– Default state is split: A200h for SE97PW, SE97TK; A201h for SE97TP, SE97TL
• Section 8.8 “Device ID register”:
– 1st paragraph, 1st sentence: changed from “The SE97 device ID is A1h.” to “The SE97 device ID
is A2h.”
– Table note [1] modified
• Added (new) Figure 45 “Package outline SOT1069-2 (HWSON8)”
SE97_6
20090817
Product data sheet
-
SE97_5
SE97_5
20090806
Product data sheet
-
SE97_4
SE97_4
20090130
Product data sheet
-
SE97_3
SE97_3
20080715
Product data sheet
-
SE97_2
SE97_2
20071012
Product data sheet
-
SE97_1
SE97_1
20070524
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com