Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE97TL Datasheet HTML 13Page - NXP Semiconductors SE97TL Datasheet HTML 14Page - NXP Semiconductors SE97TL Datasheet HTML 15Page - NXP Semiconductors SE97TL Datasheet HTML 16Page - NXP Semiconductors SE97TL Datasheet HTML 17Page - NXP Semiconductors SE97TL Datasheet HTML 18Page - NXP Semiconductors SE97TL Datasheet HTML 19Page - NXP Semiconductors SE97TL Datasheet HTML 20Page - NXP Semiconductors SE97TL Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
17 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.10 EEPROM operation
The 2-kbit EEPROM is organized as either 256 bytes of 8 bits each (byte mode), or
16 pages of 16 bytes each (page mode). Accessing the EEPROM in byte mode or page
mode is automatic; partial page write of 2 bytes, 4 bytes, or 8 bytes is also supported.
Communication with the EEPROM is via the 2-wire serial I2C-bus or SMBus. Figure 14
provides an overview of the EEPROM partitioning.
The EEPROM can be read over voltage range 1.7 V to 3.6 V, but all write operations must
be done 3.0 V to 3.6 V.
7.10.1 Write operations
7.10.1.1
Byte Write
In Byte Write mode the master creates a START condition and then broadcasts the slave
address, byte address, and data to be written. The slave acknowledges all 3 bytes by
pulling down the SDA line during the ninth clock cycle following each byte. The master
creates a STOP condition after the last ACK from the slave, which then starts the internal
write operation (see Figure 15). During internal write, the slave will ignore any read/write
request from the master.
Fig 14. EEPROM partitioning
FFh
80h
7Fh
0Fh
00h
00h 01h
07h
…
1 page
or 16 bytes
8 pages or
128 bytes
16 pages or
256 bytes
no write protect
write protect
by software
002aac812
Fig 15. Byte Write timing
002aab246
0
1
0
A2 A1 A0
0
A
S
1
A
P
slave address (memory)
START condition
R/W acknowledge
from slave
acknowledge
from slave
word address
SDA
STOP condition;
write to the memory is performed
data
DATA
A
acknowledge
from slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com