Electronic Components Datasheet Search
  English  ▼

X  

SCHC Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHC
Description  SD Card Adapter (for microSD??Card)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHC Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCHC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
DAT2
3
6 78
CD/
DAT3
CMD
VSS1
VDD CLK
VSS2
DAT0
DAT1
22.5
12
45
9
Style
Pattern deimension
2.1
1.4
1.4
Color:Black
R0.3
R0.35
24
11.2
20
4 -
R1.8
Label
Unit:mm
Dimensions
Cautions for using this product
1. This product has been designed and manufactured for use in ordinary electronic equipment, such as AV equipment,
electric home appliances, office machines and communication equipment. In case of using the products for highly
sensitive applications such as medical, aviation, aerospace and security, the set makers shall require to include
measures necessary to meet product safety requirements of such specific applications. Such measure may include
additional protection circuits and redundant circuits, for example.
2. To prevent contact failures caused by sulfuration or oxidation on the contact and terminal or deterioration of
solderability caused by film forming, please follow the instructions given below.
(1)Do not store the product in locations with high temperature or high humidity. Keep it in an atmosphere free from
corrosive gases including sulphurous or chlorinate gas. Do not stack.
(2)Store the adapter unopened at room temperature and Low humidity. Use the product preferably within 3 months after
delivery or within 6 months at the latest.
(3)To store the product after opening the package, keep it in a sealed polyethylene bag. Store in a dark, cool place,
out of direct sunlight. Use the product as soon as possible.
F Above dimensions apply when a microSD™ card is fully inserted into the adapter case.
Label indications will be customized independently. Samples will be delivered without a label.
Note
SD Card Adapter (for microSD™ Card)
SCHC Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com