Electronic Components Datasheet Search
  English  ▼

X  

SCHC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHC
Description  SD Card Adapter (for microSD??Card)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCHC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
SCHC1A0200
SD Card Adapter (for microSD™ Card)
SCHC Series
High contact reliability and locking mechanism work effectively to prevent
unintentional ejection of cards.
General SD card hosts can be used by inserting miniSD™
card into the adaptor.
Unique half-lock structure stops media from flying out
during ejection.
●
●
Features
For digital still cameras, digital camcorders, mobile phones,
PCs and personal digital assistants
●
Applications
microSD™ Card
Manual insertion/removal
500V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−25℃ to +85℃
1,000M
Ω min.
100m
Ω max.
10,000cycles
Operating
temperature range
Performance
Contact resistance
(Initial)
Insertion and
removal cycle
Voltage proof
Insulation resistance
(Initial)
Typical Specifications
Media ejection structure
Manual insertion/removal
Packing system
Tray
Product No.
Product Line


Similar Part No. - SCHC

ManufacturerPart #DatasheetDescription
logo
Eravant
SCH-06004-S1 ERAVANT-SCH-06004-S1 Datasheet
189Kb / 1P
15/64” Hex Torque Wrench for 1 mm Coax Connectors
Rev. 1.2
SCH-08008-S1 ERAVANT-SCH-08008-S1 Datasheet
235Kb / 1P
5/16” Hex Torque Wrench for SMA, K, 2.4 mm, V, and E Coax Connectors
Rev. 1.3
logo
Richco, Inc.
SCH-1 RICHCO-SCH-1 Datasheet
39Kb / 1P
STANDING CAPACITOR HOLDER
SCH-2 RICHCO-SCH-2 Datasheet
41Kb / 1P
STANDING CAPACITOR HOLDER
SCH-2-H RICHCO-SCH-2-H Datasheet
41Kb / 1P
STANDING CAPACITOR HOLDER
More results

Similar Description - SCHC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHD ALPS-SCHD Datasheet
102Kb / 3P
Connector for microSD??Card (Header Type)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
miniSDTM Card Adapter (for microSD??Card)
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
microSD Memory Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
microSD Card Adapter (microSD-to-SD)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
microSD Card
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
SD/MicroSD/MMC Card Reader/Writer
logo
SparkFun Electronics
COM-14832 SPARKFUN-COM-14832 Datasheet
427Kb / 2P
microSD Card with Adapter 32GB (Class 10)
7-31-18
COM-14833 SPARKFUN-COM-14833 Datasheet
380Kb / 2P
microSD Card with Adapter 64GB (Class 10)
7-31-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com