Electronic Components Datasheet Search
  English  ▼

X  

SDDJF Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJF
Description  16A 250V AC Qualified Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJF Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDDJF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rotary
Type
226
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Z
Y1
Thickness of mounting
board
0.75 to 1.25
12.9
1.25 to 2.00
Y1
Z
Z
Y2
Thickness of mounting
board
0.75 to 1.1
12.9
1.1 to 1.7
1.7 to 2
Y2
Z
Unit:mm
Unit:mm
Square-shaped Hole
U-shaped Hole
Mounting Hole Dimensions
Verify the performance under actual product conditions before use.
Note
Marking Variety
With IO marking
With
● marking
28.2
28.4
28.4
28.6
28.8
16A 250V AC Qualified Type
SDDJF Series
Power Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com