Electronic Components Datasheet Search
  English  ▼

X  

SDDJF Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJF
Description  16A 250V AC Qualified Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJF Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDDJF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rotary
Type
225
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
DPST
6
±3N
3
±2N
5.2
Lead
Right
angle
Snap-in
● mark
IO mark
● mark
IO mark
1,500
1,000
SDDJF30100
SDDJF30200
SDDJF31000
SDDJF31100
1
2
16A 250V AC Qualified Type
SDDJF Series
Ratings and Safety Standards
UL
CSA
Items
Specifications
BS
SEMKO
VDE
Ratings satisfying local electrical
appliance and material safety law
16A 250V AC
16
(6)/250∼
16
(6)/250∼
16
(6)/250∼
125V 16A
2
Circuit
arrangement
Travel
(mm)
Operating
force
Mounting
method
Terminal
configuration
Marking
(Knob)
Minimum order
unit
(pcs.)
Product No.
Drawing
No.
Product Line
1. The lead terminals are also used as faston terminals #250
(Use a positive lock connector type).
2. Please place purchase orders per minimum order unit(integer).
Notes
Low-profile and large capacity type suitable for copiers and printers.
Power Switch
Travel
3.2
26
3.5
Mounting face
PC board mounting face
30
13
15
15
Terminal No. 1/1
10.3
12.4
6.4
15
24.2
27
Mounting face
PC board mounting hole dimensions
No.
Configuration
(ON position)
1
2
Dimensions
Unit:mm
Lead
30
13
15
15
Travel
Terminal No. 1/1
10.3
0.8
12.4
0.8
6.2
6.2
8.6
Right angle
DPST
2
1
1
1
2
2
1
2
Circuit Diagram


Similar Part No. - SDDJF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJF1A ALPS-SDDJF1A Datasheet
894Kb / 3P
Slim Type Single Pole Rocker Type
SDDJF1A100 ALPS-SDDJF1A100 Datasheet
894Kb / 3P
Slim Type Single Pole Rocker Type
SDDJF30100 ALPS-SDDJF30100 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDDJF30200 ALPS-SDDJF30200 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDDJF31000 ALPS-SDDJF31000 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
More results

Similar Description - SDDJF

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
POWER TRANSISTOR(16A,200-250V,250W)
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
0.5A 125V AC Qualified Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
0.5A 125V AC Qualified Type
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
Switching (250V, 16A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com