Electronic Components Datasheet Search
  English  ▼

X  

AS1100WL Datasheet(PDF) 15 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 15 Page - ams AG

Back Button AS1100WL Datasheet HTML 9Page - ams AG AS1100WL Datasheet HTML 10Page - ams AG AS1100WL Datasheet HTML 11Page - ams AG AS1100WL Datasheet HTML 12Page - ams AG AS1100WL Datasheet HTML 13Page - ams AG AS1100WL Datasheet HTML 14Page - ams AG AS1100WL Datasheet HTML 15Page - ams AG AS1100WL Datasheet HTML 16Page - ams AG AS1100WL Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
15 - 17
AS1100
Data Sheet - P a c k age Drawin gs an d Ma rkings
Figure 9. PDIP-24 package Diagram
Table 18. PDIP-24 package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Max
A4.32
E1
6.35
6.60
6.86
A1
0.380
e1
2.54 BSC
B
0.38
0.46
0.56
eA
7.62 BSC
B1
1.40
1.52
1.65
L
3.18
3.43
b1
1.14
1.27
1.40
α
0°
15°
C
0.20
0.25
0.30
N
24
D
31.62
31.75
31.88
Q1
1.40
1.52
1.65
E
7.62
8.26
Q2
3.30
S
1.78
1.91
2.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com