Electronic Components Datasheet Search
  English  ▼

X  

AS1100WL Datasheet(PDF) 6 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 6 Page - ams AG

Back Button AS1100WL Datasheet HTML 2Page - ams AG AS1100WL Datasheet HTML 3Page - ams AG AS1100WL Datasheet HTML 4Page - ams AG AS1100WL Datasheet HTML 5Page - ams AG AS1100WL Datasheet HTML 6Page - ams AG AS1100WL Datasheet HTML 7Page - ams AG AS1100WL Datasheet HTML 8Page - ams AG AS1100WL Datasheet HTML 9Page - ams AG AS1100WL Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
6 - 17
AS1100
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Serial-Addressing Modes
Programming of the AS1100 is done via 4 wire serial interface. A programming sequence consists of 16-bit packages.
The data is shifted into the internal 16 Bit register with the rising edge of the CLK signal. With the rising edge of the
LOAD signal the data is latched into a digital or control register depending on the address. The LOAD signal must go to
high after the 16th rising clock edge. The LOAD signal can also come later but just before the next rising edge of CLK,
otherwise data would be lost. The content of the internal shift register is applied 16.5 clock cycles later to the DOUT
pin. The data is clocked out at the falling edge of CLK. The Bits of the 16Bit-programming package are described in
Table 4. The first 4 Bits D15-D12 are don’t care, D11-D8 contain the address and D7-D0 contain the data. The first bit
is D15, the most significant bit (MSB). The exact timing is given in Figure 5.
Figure 5. Timing Diagram
Table 4. Serial data format (16bits)
Digit and Control Registers
The AS1100 incorporates 15 registers, which are listed in Table 5. The digit and control registers are selected via the
4Bit address word. The 8 digit registers are realized with a 64bit memory. Each digit can be controlled directly without
rewriting the whole contents. The control registers consist of decode mode, display intensity, number of scanned digits,
shutdown, display test, and reset/external clock register.
Shutdown Mode
The AS1100 features a shutdown mode, where it consumes only 20µA current. The shutdown mode is entered via a
write to register 0Ch. Then all segment current sources are pulled to ground and all digit drivers are connected to VDD,
so that nothing is displayed. All internal digit registers keep the programmed values. The shutdown mode can either be
used for power saving or for generating a flashing display by repeatedly entering and leaving the shutdown mode. The
AS1100 needs typically 250µs to exit the shutdown mode. During shutdown the AS1100 is fully programmable. Only
the display test function overrides the shutdown mode.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Address
MSB
Data
LSB
D0
D1
D15
D14
DOUT
DIN
CLK
LOAD
tCSW
tCL
tCH
tCP
tCS
tLDCK
tDO
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com