Electronic Components Datasheet Search
  English  ▼

X  

SPPH1 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH1
Description  1.5mm-travel Vertical Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH1 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPH1 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH1 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH1 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
ø0.9 hole
2.5
2.5
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
ø0.9 hole
2.5
2.5
0.35
0.6
10
7
2.2
2
0.4
Travel
Total travel
Terminal No.4
A
2.5
2.5
5
4
10
(1.5)
Travel
0.6
2.5
2.5
10
7
3.3
2.5
Total travel
A
2-R
0.5
Terminal No.4
0.35
5
2.5
3.3
4
10
(1.8)
2-R
0.5
Straight terminal
Snap-in terminal
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from the direction A)
No.
1
Straight terminal
Snap-in terminal
2
0.35
5
3.9
R1
5
0.35
12 3
45 6
Circuit Diagram(Viewed from Direction A)
Straight terminal
Snap-in terminal
Terminal Configuration
Unit:mm
1.5mm-travel Vertical Type
SPPH1 Series
Push Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com