Electronic Components Datasheet Search
  English  ▼

X  

SPPH1 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH1
Description  1.5mm-travel Vertical Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH1 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPH1 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH1 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH1 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
99
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1.5mm-travel Vertical Type
SPPH1 Series
Non
shorting
Latching
Momentary
Latching
Momentary
Latching
Latching
Latching
Momentary
Momentary
SPPH110800
SPPH110300
SPPH120400
SPPH120100
SPPH130400
SPPH130100
SPPH140300
SPPH140100
2
Poles
Changeover
timing
PC
board
Mounting
method
2
+
1
−
0.7
N
3
+
1
−
0.7
N
Operating
force
Operation
Product No.
Product Line
―
Rating
Straight
Snap-in
Straight
Snap-in
Terminal
type
4,000
Minimum order
unit
(pcs.)
1.5
Travel
(mm)
2.5
Total travel
(mm)
1
2
1
2
SPPH110900
SPPH130500
SPPH140400
1
2
Drawing
No.
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
Notes
Vertical type available with two lever shapes.
Push Switch
Operating life
0.1A 30V DC/50
BA 3V DC
Refer to the products line
20m
Ω max./40mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
10,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications


Similar Part No. - SPPH1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH110300 ALPS-SPPH110300 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SPPH110800 ALPS-SPPH110800 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SPPH110900 ALPS-SPPH110900 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SPPH120100 ALPS-SPPH120100 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SPPH120400 ALPS-SPPH120400 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
More results

Similar Description - SPPH1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEC ALPS-SPEC Datasheet
151Kb / 3P
2.5mm-travel Vertical Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
1.5mm-travel, with External Knob Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
1.5mm-travel, with External Knob Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com