Electronic Components Datasheet Search
  English  ▼

X  

SPPJ3 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ3
Description  2.5mm-travel Compact-sized Horizontal Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ3 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ3 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ3 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ3 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ3 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
87
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Spring
PC board mounting face
Lock plate
1
2
1-pole
2-poles
1 2 3
1 2 3
45 6
Circuit Diagram
(Viewed from Direction A)
The SPPJ3 series should be operated in arrow 2 direction as shown in the following figure and applied within an angle
of 15° based to the center. If excessive force is applied to the lever from arrow 1 direction, it may fall down as
illustrated and cause malfunctions.
Note
Unit:mm
(4)
2
Knob face
1
1
Actuator Configuration at Front Edge
Unit:mm
2-poles
0.8
1.3
Detail of a
Unit:mm
For PC board
0.6
PC board mounting face
t : 0.35
Terminal Configuration
2.5mm-travel Compact-sized Horizontal Type
SPPJ3 Series
Push Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com