Electronic Components Datasheet Search
  English  ▼

X  

SPPJ3 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ3
Description  2.5mm-travel Compact-sized Horizontal Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ3 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ3 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ3 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ3 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ3 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
86
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
6-ø0.9 holes
2.5 2.5
5.7
2-ø1.35 holes
5.7
3-ø0.9 holes
2.5 2.5
5.7
2-ø1.2 holes
5.6
PC board
mounting face
Travel
Total travel
Terminal No.6
(22)
12
10
3.5
2.5
0.6
2.5
3.5
A
0.6
(6.6)
0.35
2.5
4.2
2.5
a
(5)
PC board
mounting face
Travel
Total travel
Terminal No.3
(22)
0.35
0.8
0.8
12
10
3.5
2.5
0.8
0.6
2.5
3.5
A
2.5
Style
PC board mounting hole dimensions
(Viewed from the direction A)
Dimensions
Unit:mm
No.
1
2
1-pole, 2-positions
2-poles, 2-positions
PC board
1
2
Non
shorting
Latching
Momentary
Momentary
SPPJ310500
SPPJ311500
SPPJ320600
SPPJ322300
Mounting
method
Poles
Changeover
timing
For
PC board
Terminal
type
4,500
Minimum order
unit
(pcs.)
Operation
Product No.
Rating
2.5
Travel
(mm)
3.5
Total travel
(mm)
1
2
Drawing
No.
Latching
Product Line
Refer to P.107 for knobs.
2.5mm-travel Compact-sized Horizontal Type
SPPJ3 Series
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
Notes
Lever height 4.7mm, small sized horizontal type.
Push Switch
Operating life
0.2A 30V DC/50
BA 3V DC
20m
Ω max./40mΩ max.
10,000cycles
Rating
(max.)
/(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
10,000cycles
(0.2A 30V DC)
Without load
With load
Typical Specifications
Operating force
2.3
±1N
3.3
±1N
1-pole
2-poles


Similar Part No. - SPPJ3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ310500 ALPS-SPPJ310500 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPPJ311500 ALPS-SPPJ311500 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPPJ320600 ALPS-SPPJ320600 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPPJ322300 ALPS-SPPJ322300 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
More results

Similar Description - SPPJ3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEC ALPS-SPEC Datasheet
151Kb / 3P
2.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
1mm-travel Compact-sized Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
2.5mm-travel Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com