Electronic Components Datasheet Search
  English  ▼

X  

SPUN Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPUN
Description  2.5mm-travel Large-sized Horizontal Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUN Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPUN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPUN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
93
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
10
8.4
4-poles:36
13
6.5
Travel
Total travel
Terminal No.1
A
6.5
10.7
5
PC board mounting face
Knob face
Straight terminal
Snap-in terminal
ø1.5 holes
6
P=4
6
1
Gø1.5 hole
Thickness of PC board t=1.6mm
P=4
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from the direction A)
Actuator Configuration at Front Edge
Circuit Diagram(Viewed from Direction A)
H3.3
H2.5
Knob face
(2)
Unit:mm
4-poles
2-poles
1
2
3
4
5
6
7
8
9
!11
!2
!0
1
2
3
4
5
6
2.5mm-travel Large-sized Horizontal Type
SPUN Series
Push Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com