Electronic Components Datasheet Search
  English  ▼

X  

SPUN Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPUN
Description  2.5mm-travel Large-sized Horizontal Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUN Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPUN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPUN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
92
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2.5mm-travel Large-sized Horizontal Type
SPUN Series
Refer to P.107 for knobs.
Standard
Medium-
current
2
Non
shorting
4
2
4
PC board
Latching
Momentary
Latching
SPUN191400
SPUN191600
SPUN190900
SPUN191000
SPUN194700
SPUN194900
SPUN192600
SPUN192800
SPUN19C400
Rating
Poles
Changeover
timing
Mounting
method
Operation
2.5
Travel
(mm)
3.5
Total travel
(mm)
Product No.
Product Line
Straight
Snap-in
Straight
Snap-in
Straight
Snap-in
Straight
Snap-in
Terminal
type
1,250
700
1,250
700
Minimum order
unit
(pcs.)
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
3. Please contact us for automotive use.
Notes
Large horizontal type suitable for multiple circuits.
Push Switch
Operating
life
0.1A 30V
DC/50
BA 3V DC
20m
Ω max./40mΩ max.
30,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Standard
Medium-current
Contact resistance
(Initial /After operating life)
10,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications
Operating
forces
2
±1N
2.5
±1N
1A 25V DC
10,000cycles
5,000cycles
(1A 25V DC)
3
±1.5N
4
±2N
2-poles
4-poles


Similar Part No. - SPUN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUN190900 ALPS-SPUN190900 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN191000 ALPS-SPUN191000 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN191400 ALPS-SPUN191400 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN191600 ALPS-SPUN191600 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN192600 ALPS-SPUN192600 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results

Similar Description - SPUN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEC ALPS-SPEC Datasheet
151Kb / 3P
2.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
1mm-travel Compact-sized Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com