Electronic Components Datasheet Search
  English  ▼

X  

AS1110 Datasheet(PDF) 3 Page - ams AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110 Datasheet(HTML) 3 Page - ams AG

  AS1110 Datasheet HTML 1Page - ams AG AS1110 Datasheet HTML 2Page - ams AG AS1110 Datasheet HTML 3Page - ams AG AS1110 Datasheet HTML 4Page - ams AG AS1110 Datasheet HTML 5Page - ams AG AS1110 Datasheet HTML 6Page - ams AG AS1110 Datasheet HTML 7Page - ams AG AS1110 Datasheet HTML 8Page - ams AG AS1110 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.austriamicrosystems.com
Revision 1.04
3 - 24
AS1110
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
SSOP
QFN
1
24:27
GND
Ground
228
SDI
Serial Data Input
31
CLK
Serial Data Clock. The rising edge of the CLK signal is used to clock data
into and out of the AS1110 shift register. In error mode, the rising edge of the
CLK signal is used to switch error modes.
42
LD
Serial Data Load
5:20
3:10
12:19
OUTN0:15
Output Current Drivers. These pins are used as LED drivers or for input
sense for diagnostic modes. Data is transferred to the data register at the
rising edge of these pins.
21
20
OEN
Output Enable. The active-low pin OEN signal can always enable output
drivers to sink current independent of the AS1110 mode.
0 = Output drivers are enabled.
1 = Output drivers are disabled.
22
21
SDO
Serial Data Output. In normal mode SDO is latched out 8.5 clock cycles
after SDI is latched in.
In global error detection mode this pin indicates the occurrence of a global
error.
0 = Global error mode returned an error.
1 = No errors.
23
22
REXT
External Resistor Connection. This pin connects through the external
resistor (REXT) to GND, to setup the load current.
24
23
VDD
Positive Supply Voltage
-11
N/C
Not connected
1
AS1110
24-pin SSOP
24
2
3
4
5
23 22 21
17
8
7
6
20 19 18
9
13
12
11
10
16 15 14
SDO
10
21
OUTN13
17
8
CLK
1
OUTN0
3
OUTN4
7
AS1110
28-pin QFN 5x5
OUTN2
5
12
14
OUTN11
15
OUTN15
19
OEN
20
OUTN14
18
OUTN12
16
LD
2
OUTN1
4
OUTN3
6
13
11
9
26
28
24
22
23
25
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com