Electronic Components Datasheet Search
  English  ▼

X  

AS1110 Datasheet(PDF) 6 Page - ams AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110 Datasheet(HTML) 6 Page - ams AG

Back Button AS1110 Datasheet HTML 2Page - ams AG AS1110 Datasheet HTML 3Page - ams AG AS1110 Datasheet HTML 4Page - ams AG AS1110 Datasheet HTML 5Page - ams AG AS1110 Datasheet HTML 6Page - ams AG AS1110 Datasheet HTML 7Page - ams AG AS1110 Datasheet HTML 8Page - ams AG AS1110 Datasheet HTML 9Page - ams AG AS1110 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.austriamicrosystems.com
Revision 1.04
6 - 24
AS1110
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Switching Characteristics
VDD = 3.0 to 5.5V, VDS = 0.8V, VIH = VDD, VIL = GND, REXT = 372
Ω, VLOAD = 4.0V, RLOAD = 64Ω, CLOAD = 10pF; guar-
anteed by design.
*
If multiple AS1110 devices are cascaded and tr or tf is large, it may be critical to achieve the timing required for data
transfer between two cascaded LED drivers.
IDD(OFF)0
Supply
Current
Off
REXT = Open‚ OUTN0:15 = Off
2.7
6
mA
IDD(OFF)1
REXT = 744
Ω‚ OUTN0:15 = Off
4.3
8
IDD(OFF)2
REXT = 372
Ω‚ OUTN0:15 = Off
5.4
9
IDD(OFF)3
REXT = 186
Ω, OUTN0:15 = Off
9.3
13
IDD(ON)1
On
REXT = 744
Ω‚ OUTN0:15 = On
6.2
11
IDD(ON)2
REXT = 372
Ω‚ OUTN0:15 = On
10.5
15
IDD(ON)3
REXT = 186
Ω‚ OUTN0:15 = On
19.5
26
Table 4. Switching Characteristics for VDD = 5V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tP1
Propagation Delay Time (Without
Staggered Output Delay)
CLK - SDO
5
10
ns
tP2
LD - OUTNn
100
200
tP3
OEN - OUTNn
100
200
tP4
Propagation Delay Time
10
ns
tW(CLK)
Pulse Width
CLK
15
ns
tW(L)
LD
15
tW(OE)
OEN (@IOUT < 60mA)
200
tR
*
CLK Rise Time
500
ns
tF
*
CLK Fall Time
500
ns
tOR
Output Rise Time of VOUT (Turn Off)
100
200
ns
tOF
Output Fall Time of VOUT (Turn On)
100
300
ns
tSU(D)
Setup Time for SDI
5
ns
tH(D)
Hold Time for SDI
5
ns
tSU(L)
Setup Time for LD
5
ns
tH(L)
Hold Time for LD
5
ns
tTESTING
OEN Time for Error Detection
2000
ns
tSTAG
Staggered Output Delay
20
40
ns
tSU(OE)
Output Enable Setup Time
20
ns
tGSW(ERROR)
Global Error Switching Setup Time
10
ns
tSU(ERROR)
Global Error Detection Setup Time
10
ns
tP(I/O)
Propagation Delay Global Error Flag
5
ns
tSW(ERROR)
Switching Time Global Error Flag
10
ns
fCLK
Maximum Clock Frequency
(Cascade Operation)
30
50
MHz
tP3,ON
Low-Current Test Mode
Propagation Delay Time
Turn ON
3
5
µs
tP3,OFF
Turn OFF
0.05
0.1
µs
tREXT2,1
External Resistor Reaction Time
Change from REXT1 = 372
Ω,
IOUT1 = 50.52mA to REXT2 =
37.2k
Ω, IOUT2 < 1mA
0.5
1
µs
tREXT2,1
External Resistor Reaction Time
Change from REXT1 = 37.2k
Ω,
IOUT1 = 0.5mA to REXT2 =
372
Ω, IOUT2 > 25mA
0.5
1
µs
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com