Electronic Components Datasheet Search
  English  ▼

X  

AS1331 Datasheet(PDF) 10 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 10 Page - ams AG

Back Button AS1331 Datasheet HTML 6Page - ams AG AS1331 Datasheet HTML 7Page - ams AG AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG AS1331 Datasheet HTML 10Page - ams AG AS1331 Datasheet HTML 11Page - ams AG AS1331 Datasheet HTML 12Page - ams AG AS1331 Datasheet HTML 13Page - ams AG AS1331 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 16
AS1331
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The synchronous buck-boost converter AS1331 uses a Power Save Mode control technique to reach a high efficiency
over a wide dynamic range of load currents. The output voltage is monitored by a comparator with 3% accuracy. The
Power Save Mode puts the device into “sleep mode” when VOUT is above its programmed reference threshold.
Meaning, the switching is stopped and only quiescent current is drawn from the power source. The switching is started
again when VOUT drops below the reference threshold and the output capacitor is charged again.
The numbers of current pulses which are necessary to load the output capacitor are set by the value of the output
capacitor, the load current, and the comparator hysteresis (~1%).
Figure 23. AS1331 - Block Diagram - Fixed Output Voltage
Modes of Operation
When VOUT drops below the reference threshold, the AS1331 switches on the transistors SW A and SW C until the
inductor current reaches approximately 400mA. In the next step SW A and SW D are closed and depending on the
difference between VIN and VOUT the inductor current raises, falls or stays constant.
VIN > VOUT: The inductor current is going up to 600mA.
VIN ~ VOUT: The device stops after 2µs.
VIN < VOUT: The inductor current falls down to 0mA.
If the inductor current is not 0mA, the transistors SW B and SW D are closed to ramp down the current to zero. If VOUT
is still below the threshold voltage the next cycle is started. If IMAX (600mA) wasn’t reached in the previous cycle, SW A
and SW D are closed until the inductor current is 600mA.
Note:
The 4-switch-mode (SW A+SW C => SW B+SW D => SW A + SW C...) and also the buck-mode (SW A+SW D
=> SW B+SW D => SW A+SW D...) are never used.
VIN
SW1
SW2
SW A
SW B
SW C
SW D
VIN
VIN
1.6V
600mA
VOUT
PGND
GND
EN
Peak
Current
Limit
UVLO
State
Machine
and
Logic
VBEST
Gate Drivers
and
Anticross
Conduction
IZERO
Detect
1.25V
Thermal Shutdown
Shutdown
VOUT
VBEST
R1
R2
FB
VOUT
Comp
AS1331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com