Electronic Components Datasheet Search
  English  ▼

X  

AS1331 Datasheet(PDF) 12 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 12 Page - ams AG

Back Button AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG AS1331 Datasheet HTML 10Page - ams AG AS1331 Datasheet HTML 11Page - ams AG AS1331 Datasheet HTML 12Page - ams AG AS1331 Datasheet HTML 13Page - ams AG AS1331 Datasheet HTML 14Page - ams AG AS1331 Datasheet HTML 15Page - ams AG AS1331 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
12 - 16
AS1331
Datasheet - D e t a i l e d D e s c r i p t i o n
Output Voltage Selection
The AS1331 is available in two versions (see Ordering Information on page 15). One version can only operate at one
fixed output voltage (see Figure 25) and the other version can operate with user-adjustable output voltages from 2.5V
to 3.3V by connecting a voltage divider between the pins
VOUT and FB (see Figure 24).
Figure 24. LiIon to Adjustable Output Voltage
The output voltage can be adjusted by selecting different values for R1 and R2.
Calculate VOUT by:
Where:
VFB = 1.25V, VOUT = 2.5V to 3.3V;
Figure 25. LiIon to 3.3V with POK - Fixed Output Voltage
LiIon
AS1331-AD
C2
22µF
R2
R1
On
Off
C1
10µF
PGND
3
SW2
2
VOUT
2.5V to 3.3V
6
EN
10
FB
5
VIN
1
VOUT
SW1
4
L1
6.8µH
8
LBO
7
LBI
GND
9
R3
(EQ 2)
V
OUT
V
FB
1
R
1
R
2
------
+
⎝⎠
⎛⎞
×
=
LiIon
AS1331-
3.3V
C2
22µF
On
Off
C1
10µF
PGND
3
SW2
2
VOUT
3.3V
300mA
6
EN
5
VIN
1
VOUT
SW1
4
L1
6.8µH
8
LBO
7
LBI
GND
9
10
FB
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com