Electronic Components Datasheet Search
  English  ▼

X  

AS1351 Datasheet(PDF) 9 Page - ams AG

Part # AS1351
Description  Programmable Dual LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1351 Datasheet(HTML) 9 Page - ams AG

Back Button AS1351 Datasheet HTML 2Page - ams AG AS1351 Datasheet HTML 3Page - ams AG AS1351 Datasheet HTML 4Page - ams AG AS1351 Datasheet HTML 5Page - ams AG AS1351 Datasheet HTML 6Page - ams AG AS1351 Datasheet HTML 7Page - ams AG AS1351 Datasheet HTML 8Page - ams AG AS1351 Datasheet HTML 9Page - ams AG AS1351 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.austriamicrosystems.com
Revision 1.21
9 - 10
AS1351
Data Sheet - Or dering Informati on
8 Ordering Information
The AS1351 is available with preset LDO output voltages or customer-specific versions (with a minimum order quantity
of 30,000). Each customer-specific device is factory trimmed to the desired output voltage (see Table 4).
Where:
u = Customer-specific VOUT1 value suffix.
x = Customer-specific VOUT2 value suffix.
Part
Programming
Pin Package
AS1351
LDO values not programmed
12-pin QFN 3x3
AS1351_A7
VOUT1 = 2.8V, VOUT2 = 2.5V
12-pin QFN 3x3
AS1351_ux
Customer-specific LDO values
12-pin QFN 3x3
AS1351_uxF
Customer-specific LDO values
Bumped Wafer
Table 4. Output Voltages Suffix Guide
Part
Suffix
Output Voltage
AS1351_ux
F
3.3 V
E
3.2 V
D
3.1 V
C
3.0 V
B
2.9 V
A
2.8 V
9
2.7 V
8
2.6 V
7
2.5 V
6
2.4 V
5
2.3 V
4
2.2 V
3
2.1 V
2
2.0 V
1
1.9 V
0
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com