Electronic Components Datasheet Search
  English  ▼

X  

AS1351 Datasheet(PDF) 4 Page - ams AG

Part # AS1351
Description  Programmable Dual LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1351 Datasheet(HTML) 4 Page - ams AG

  AS1351 Datasheet HTML 1Page - ams AG AS1351 Datasheet HTML 2Page - ams AG AS1351 Datasheet HTML 3Page - ams AG AS1351 Datasheet HTML 4Page - ams AG AS1351 Datasheet HTML 5Page - ams AG AS1351 Datasheet HTML 6Page - ams AG AS1351 Datasheet HTML 7Page - ams AG AS1351 Datasheet HTML 8Page - ams AG AS1351 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.austriamicrosystems.com
Revision 1.21
4 - 10
AS1351
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
VDD = 4V; TAMB = -40 to +85°C (Typ values are for TAMB = 25°C); CLOAD = 1µF (Ceramic); unless otherwise specified.
Notes:
1. Guaranteed by design and verified by lab evaluation.
2. Startup is performed if any EN pin goes high.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage Range
3
5.5
V
VOUT
Output Voltage Range
1.8
3.3
V
RON
On Resistance
1
Ω
PSRR
1
Power Supply
Rejection Ratio
f = 1kHz, CREF = 100nF
70
dB
f = 100kHz, CREF = 100nF
40
IOFF
Shut Down Current
ENx = Low
1
µA
IVDD
Supply Current
Without Load
125
200
µA
tset
1
Output Voltage
Settling Time
ILOAD Switched from 0 to 100mA
50
µs
tstart
1
Start-Up Time
2
CREF = 100nF Pre-charged
300
µs
CREF = 0nF Uncharged
300
µs
CREF = 100nF Uncharged
15
ms
VOUT
Output Voltage Tolerance
ILOAD = 0mA, TAMB = 25°C
-1.5
1.5
%
ILOAD = 0 to 200mA
-2
2
%
1
VLINEREG
Line Regulation, Static
VDD = 5.5V
-1
1
%
VDD = 3 to 4.5V
-2
2
mV
1
VLOADREG
Load Regulation, Static
ILOAD = 0 to 50 mA
0.3
2.5
mV
1
ILOAD = 0 to 200 mA
(referenced to 100mA)
0.6
5
mV
1
VIH
Enable Input Voltage High
0.6 x VDD
V
VIL
Enable Input Voltage Low
0.8
V
ILOAD
Output Current
0
200
mA
ILIMIT
Output Current Limitation
400
mA
VNoise
Output Noise Voltage
10 to 100kHz, CREF = 100nF
40
µVRMS
Thermal Protection
145
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com