Electronic Components Datasheet Search
  English  ▼

X  

SR310 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SR310
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SR310 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SR310 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SR310 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR302 thru SR310
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
0
Maximum DC Blocking Voltage to 150 C Max
0
Maximum Average Forward Rectified Current at 75 C
Maximum Overload Surge Current at 1 cycle
Maximum Forward Voltage at 3.0 ADC
Typical Junction Capacitance (NOTE 1)
Typical Thermal Resistance (NOTE 2) R JA
Operating Temperature Range
Storage Temperature Range
Maximum Full Load Reverse Current Full Cycle
0
Average at 25 C
Maximum DC Reverse Current at Rated DC Blocking
0
Voltage and 100 C
SR302
SR303
SR304
SR305
SR306
SR308
SR310
UNITS
20
30
40
50
60
80
100
V
V
V
V
A
A
14
21
26
35
42
56
80
20
30
40
50
-55 to +125
40.0
180
-55 to +125
3.0
80
0.50
0.75
0.85
0.5
30
60
80
80
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
At TA=25 C unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
All values except Maximum RMS Voltage are registered JEDEC Parameters.
FEATURES
Low switching noise
Low forward voltage drop
High current capability
High switching capability
High reliability
High surge capability
MECHANICAL DATA
Case:Molded plastic
Epoxy:UL 94V-0 rate flame retardant
Lead:MIL-STD-202 method 208 quaranteed
Mounting position:Any
VOLTAGE RANGE
20 TO 80 Volts
CURRENT
3.0 Amperes
Notes : 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance Junction to Ambient.
mADC
mADC
0C
0C
0C / W
pF
CHENG- YI
CHENG- YI
ELECTRONIC
SMD-SUFFIX "S"
DO-214AB
MINIATURE SCHOTTKY BARRIER
RECTIFIER
MINIATURE SCHOTTKY BARRIER
RECTIFIER
SMC
DO-201AD


Similar Part No. - SR310

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR310 MOSPEC-SR310 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Jinan Gude Electronic D...
SR310 JGD-SR310 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR310 WTE-SR310 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
SR310 TSC-SR310 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR310 TSC-SR310 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR310

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
Miniature Schottky Barrier Rectifier
25-Apr-08
logo
CHENG-YI ELECTRONIC CO....
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
Miniature Schottky Barrier Rectifier
16-Oct-09
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com